Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF555 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # MRF555
Description  RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MRF555 Datasheet(HTML) 3 Page - Microsemi Corporation

  MRF555 Datasheet HTML 1Page - Microsemi Corporation MRF555 Datasheet HTML 2Page - Microsemi Corporation MRF555 Datasheet HTML 3Page - Microsemi Corporation MRF555 Datasheet HTML 4Page - Microsemi Corporation MRF555 Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MSC1316.PDF 10-25-99
MRF555
FUNCTIONAL
Symbol
Test Conditions
Value
Min.
Typ.
Max.
Unit
GPE
Power Gain
Test Circuit-Figure 1
Pout = 1.5 W, VCE =12.5Vdc
f = 470 MHz
11
12.5
-
dB
η
Collector Efficiency
Test Circuit-Figure 1
Pout = 1.5 W, VCE =12.5Vdc
f = 175 MHz
50
60
-
%
ψ
Load Mismatch
VSWR
≥ 10:1 All Phase Angles
Test Circuit-Figure 1
Pout = 1.5 W, VCE =12.5Vdc
f = 175 MHz
No Degradation in Output Power
-



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com