Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF581A Datasheet(PDF) 4 Page - Microsemi Corporation

Part # MRF581A
Description  RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MRF581A Datasheet(HTML) 4 Page - Microsemi Corporation

  MRF581A Datasheet HTML 1Page - Microsemi Corporation MRF581A Datasheet HTML 2Page - Microsemi Corporation MRF581A Datasheet HTML 3Page - Microsemi Corporation MRF581A Datasheet HTML 4Page - Microsemi Corporation MRF581A Datasheet HTML 5Page - Microsemi Corporation MRF581A Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MSC1318.PDF 10-25-99
MRF581/MRF581A
C1, C4, C5, C6, C8, C9 — 1000 pF, Chip Capacitor C2, C3 — 1.0–10 pF, Johanson Capacitor
C7, C10 — 10
µF, Tantalum Capacitor
R1 — 1.0 k
Ω Res.
RFC — VK–200, Ferroxcube
FB — Ferrite Bead, Ferroxcube, 56–590–65/3B
TL1, TL7, TL8 — Microstrip 0.162
, x 0.600,
TL2 — Microstrip 0.162
, x 1.000,
TL3 — Microstrip 0.162
, x 0.800,
TL4 — Microstrip 0.162
, x 0.440,
TL5 — Microstrip 0.120
, x 0.440,
TL6 — Microstrip 0.120
, x 1.160,
TL9, TL10 — Microstrip 0.025
, x 4.250,
Board Material — 0.0625
, Thick Glass Teflon ε r = 2.55
Figure 1. Minimum Noise Figure and Gain @ Minimum Noise Figure.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com