Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF607 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # MRF607
Description  RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MRF607 Datasheet(HTML) 3 Page - Microsemi Corporation

  MRF607 Datasheet HTML 1Page - Microsemi Corporation MRF607 Datasheet HTML 2Page - Microsemi Corporation MRF607 Datasheet HTML 3Page - Microsemi Corporation MRF607 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MSC1322.PDF 10-25-99
MRF607
P
OUT
(R
L=50 OHMS)
V
cc = 12.5 V
P
IN
(R
S=50 OHMS)
L1
L4
C1
C2
C3
+
-
L2
L3
C5
C6
C4
Figure 1 - 175 MHz RF AMPLIFIER CIRCUIT FOR GPE,
AND EFFICIENCY SPECIFICATIONS.
C1
2.7-15 pF, ARCO 461
L1
1 TURN #20 AWG, 3/8” I.D.
C2
9.0-180 pF, ARCO 463
L2
3 TURNS #20 AWG, 3/8” I.D.
C3, C4 5.0-80 pF ARCO 462
L3
0.22
µH MOLDED CHOKE
C5
1000 pF UNELCO
L4
0.15
µH MOLDED CHOKE WITH
C6
5
µF, 25 Vdc,
TANTALUM FERROXCUBE 56-590-65-3B
BEAD ON GROUND LEAD
.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com