Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF914 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # MRF914
Description  RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MRF914 Datasheet(HTML) 3 Page - Microsemi Corporation

  MRF914 Datasheet HTML 1Page - Microsemi Corporation MRF914 Datasheet HTML 2Page - Microsemi Corporation MRF914 Datasheet HTML 3Page - Microsemi Corporation MRF914 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MSC1325.PDF 10-25-99
MRF914
Table 1. Common Emitter S-Parameters, @ VCE = 10 V, IC = 20 mA
f
S11
S21
S12
S22
(MHz)
|S11|
∠ φ
|S21|
∠ φ
|S12|
∠ φ
|S22|
∠ φ
100
.45
-36
15.6
115
.03
75
.67
-20
200
.32
-38
8.7
101
.05
78
.55
-19
300
.26
-36
6.3
91
.08
76
.54
-17
400
.24
-36
4.6
86
.1
74
.52
-22
500
.22
-39
3.8
84
.12
75
.48
-23
600
.21
-40
3.4
78
.15
71
.48
-26
700
.19
-44
3.0
72
.17
68
.47
-29
800
.18
-48
2.5
68
.19
65
.46
-35
900
.18
-58
2.4
69
.20
67
.44
-40
1000
.18
-65
2.4
62
.23
63
.45
-42



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com