Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF951 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # MRF951
Description  RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MRF951 Datasheet(HTML) 3 Page - Microsemi Corporation

  MRF951 Datasheet HTML 1Page - Microsemi Corporation MRF951 Datasheet HTML 2Page - Microsemi Corporation MRF951 Datasheet HTML 3Page - Microsemi Corporation MRF951 Datasheet HTML 4Page - Microsemi Corporation MRF951 Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MSC1326.PDF 10-25-99
MRF951
FUNCTIONAL
Symbol
Test Conditions
Value
Min.
Typ.
Max.
Unit
NFmin
Minimum Noise Figure
(IC = 5 mAdc, VCE = 6 Vdc, f = 1 GHz)
-
1.3
-
dB
G
NF
Power Gain @ NFmin
(IC = 5.0 mAdc, VCE = 6 Vdc, f = 1 GHz)
-
14
-
dB
G
U max
Maximum Unilateral Gain (1)
IC = 30 mAdc, VCE = 8 Vdc, f = 1 GHz
-
17
-
dB
|S21|
2
Insertion Gain
IC = 30 mAdc, VCE = 6 Vdc, f = 1 GHz
12
14.5
-
dB
Table 1. Common Emitter S-Parameters, @ VCE = 6 V, IC = 30 mA
f
S11
S21
S12
S22
(MHz)
|S11|
∠ φ
|S21|
∠ φ
|S12|
∠ φ
|S22|
∠ φ
100
.45
-95
36.80
132
.02
64
.68
-38
500
.46
-170
10.20
89
.04
65
.27
-55
1000
.47
169
5.30
72
.08
66
.22
-62
1500
.48
154
3.60
58
.11
63
.22
-73
2000
.50
142
2.80
45
.15
58
.23
-86
2500
.51
132
2.30
36
.18
54
.25
-97
3000
.53
119
1.90
23
.22
47
.28
-113
3500
.55
109
1.60
12
.25
41
.30
-125
4000
.57
99
1.50
2.0
.29
35
.33
-137



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com