Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE87FL1012 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE87FL1012
Description  11 Section Bandpass Filter With SMA Female Connectors Operating From 1 GHz to 2 GHz With a 1,000 MHz Passband
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE87FL1012 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE87FL1012 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE87FL1012 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE87FL1012 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE87FL1012 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
-140
-120
-100
-80
-60
-40
-20
0
20
10
510
1010
1510
2010
2510
3010
3510
4010
dB
MHz
Wide Band
s11
s21
11 Section Bandpass Filter With SMA Female Connectors Operating From 1 GHz to 2 GHz With a 1,000 MHz Passband from
Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and millimeter
wave products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 11 Section Bandpass Filter With SMA Female Connectors Operating From 1 GHz to 2 GHz With
a 1,000 MHz Passband PE87FL1012
URL: http://www.pasternack.com/11-section-band-pass-filter-1-2-ghz-passband-1000-mhz-pe87fl1012-p.aspx
PE87FL1012 REV 1.0
11 Section Bandpass Filter With SMA Female Connectors
Operating From 1 GHz to 2 GHz With a 1,000 MHz Passband
Bandpass Filters Technical Data Sheet
PE87FL1012



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com