Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRF18BE471QS2RB Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # PRF18BE471QS2RB
Description  lead is not contained in the terminations
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PRF18BE471QS2RB Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  PRF18BE471QS2RB Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. PRF18BE471QS2RB Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. PRF18BE471QS2RB Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Product Search Data Sheet
PRF18BE471QS2RB
Specifications
Max. Voltage
32V
Sensing Temperature
℃
85
Sensing Temperature Tolerance
℃
±5
Measure Condition of Sensing
Temperature
at 4.7k ohm
Sensing Temperature(2)
℃
100
Sensing Temperature (2) Tolerance
℃
±7
Measure Condition of Sensing
Temperature(2)
at 47k ohm
Resistance
℃
(25
)
470Ω
Resistance Value Tolerance (at
℃
25
)
±50%
Operating Temperature Range
-
℃
40
to
℃
150
Shape
SMD
2 of 3
Atten ti o n
1.T his datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. T herefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.T his datasheet has only typical specifications because there is no space for detailed specifications.
T herefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.com/
Last
:
updated 2015/12/07



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com