Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LS161AM Datasheet(PDF) 1 Page - ON Semiconductor

Part # SN74LS161AM
Description  BCD Decade Counters 4?묪it Binary Counters
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SN74LS161AM Datasheet(HTML) 1 Page - ON Semiconductor

  SN74LS161AM Datasheet HTML 1Page - ON Semiconductor SN74LS161AM Datasheet HTML 2Page - ON Semiconductor SN74LS161AM Datasheet HTML 3Page - ON Semiconductor SN74LS161AM Datasheet HTML 4Page - ON Semiconductor SN74LS161AM Datasheet HTML 5Page - ON Semiconductor SN74LS161AM Datasheet HTML 6Page - ON Semiconductor SN74LS161AM Datasheet HTML 7Page - ON Semiconductor SN74LS161AM Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2006
July, 2006 − Rev. 2
1
Publication Order Number:
SN74LS161A/D
SN74LS161A, SN74LS163A
BCD Decade Counters/
4−Bit Binary Counters
The LS161A/163A are high-speed 4-bit synchronous counters.
They are edge-triggered, synchronously presettable, and cascadable
MSI building blocks for counting, memory addressing, frequency
division and other applications. The LS161A and LS163A count
modulo 16 (binary).
The LS161A has an asynchronous Master Reset (Clear) input that
overrides, and is independent of, the clock and all other control inputs.
The LS163A has a Synchronous Reset (Clear) input that overrides all
other control inputs, but is active only during the rising clock edge.
Binary (Modulo 16)
Asynchronous Reset
LS161A
Synchronous Reset
LS163A
• Synchronous Counting and Loading
• Two Count Enable Inputs for High Speed Synchronous Expansion
• Terminal Count Fully Decoded
• Edge-Triggered Operation
• Typical Count Rate of 35 MHz
• ESD > 3500 Volts
GUARANTEED OPERATING RANGES
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Supply Voltage
4.75
5.0
5.25
V
TA
Operating Ambient
Temperature Range
0
25
70
°C
IOH
Output Current − High
−0.4
mA
IOL
Output Current − Low
8.0
mA
LOW
POWER
SCHOTTKY
SOIC
D SUFFIX
CASE 751B
PLASTIC
N SUFFIX
CASE 648
16
1
16
1
SOEIAJ
M SUFFIX
CASE 966
16
1
Device
Package
Shipping
ORDERING INFORMATION
SN74LS161AN
16 Pin DIP
2000 Units/Box
SN74LS161AD
SOIC−16
38 Units/Rail
SN74LS161ADR2
SOIC−16
2500/Tape & Reel
SN74LS161AM
SOEIAJ−16
See Note 1
SN74LS161AMEL
SOEIAJ−16
1. For ordering information on the EIAJ version of
the SOIC package, please contact your local
ON Semiconductor representative.
See Note 1
http://onsemi.com
16 Pin DIP
2000 Units/Box
SN74LS163AD
SOIC−16
38 Units/Rail
SN74LS163ADR2
SOIC−16
2500/Tape & Reel
SN74LS163AM
SOEIAJ−16
See Note 1
SN74LS163AMEL
SOEIAJ−16
See Note 1
SN74LS163AN


Similar Part No. - SN74LS161AM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LS161A TI-SN74LS161A Datasheet
756Kb / 23P
SYNCHRONOUS 4-BIT COUNTERS
logo
Motorola, Inc
SN74LS161A MOTOROLA-SN74LS161A Datasheet
83Kb / 6P
BCD DECADE COUNTERS/ 4-BIT BINARY COUNTERS
logo
Texas Instruments
SN74LS161AD TI-SN74LS161AD Datasheet
756Kb / 23P
SYNCHRONOUS 4-BIT COUNTERS
SN74LS161AD TI2-SN74LS161AD Datasheet
875Kb / 27P
SN54160 THRU SN54163, SN54LS160A THRU SN54LS163A, SN54S162, SN54S163, SN74160 THRU SN74163, SN74LS160A THRU SN74LS163A, SN74S162, SN74S163 SYNCHRONOUS 4-BIT COUNTERS
REVISED MARCH 1988
SN74LS161ADG4 TI-SN74LS161ADG4 Datasheet
1Mb / 25P
SYNCHRONOUS 4-BIT COUNTERS
More results

Similar Description - SN74LS161AM

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS160A MOTOROLA-SN54LS160A Datasheet
157Kb / 6P
BCD DECADE COUNTERS/ 4-BIT BINARY COUNTERS
SN54LS190 MOTOROLA-SN54LS190 Datasheet
310Kb / 10P
PRESETTABLE BCD/DECADE UP/DOWN COUNTERS PRESETTABLE 4-BIT BINARY UP/DOWN COUNTERS
logo
National Semiconductor ...
DM5490 NSC-DM5490 Datasheet
133Kb / 10P
Decade and Binary Counters
DM74LS90 NSC-DM74LS90 Datasheet
131Kb / 10P
Decade and Binary Counters
logo
ON Semiconductor
SN54-74LS160A ONSEMI-SN54-74LS160A Datasheet
79Kb / 6P
BCD DECADE COUNTERS/ 4-BIT BINARY COUNTERS
logo
Fairchild Semiconductor
DM7490A FAIRCHILD-DM7490A Datasheet
47Kb / 5P
Decade and Binary Counters
logo
National Semiconductor ...
5490 NSC-5490 Datasheet
175Kb / 7P
Decade, and Binary Counters
logo
Motorola, Inc
SN74LS160A MOTOROLA-SN74LS160A Datasheet
83Kb / 6P
BCD DECADE COUNTERS/ 4-BIT BINARY COUNTERS
logo
Texas Instruments
CD54HC160 TI-CD54HC160 Datasheet
248Kb / 14P
BCD SYNCHRONOUS DECADE COUNTERS
CD54HC160F TI-CD54HC160F Datasheet
240Kb / 14P
BCD SYNCHRONOUS DECADE COUNTERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com