Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS2211 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # MS2211
Description  RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MS2211 Datasheet(HTML) 1 Page - Microsemi Corporation

  MS2211 Datasheet HTML 1Page - Microsemi Corporation MS2211 Datasheet HTML 2Page - Microsemi Corporation MS2211 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MSC0919.PDF 9-23-98
MS2211
DESCRIPTION:
DESCRIPTION:
The MS2211 is designed for specialized avionics applications,
including JTIDS, where power is provided under pulse formats
utilizing short pulse widths and high burst or overall duty cycles.
ABSOLUTE MAXIMUM RATINGS
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°°C)
Symbol
Parameter
Value
Unit
PDISS
Power Dissipation *
(TC
≤≤ 75°°C)
25
W
IC
Device Current *
0.9
A
VCC
Collector - Supply Voltage *
32
V
TJ
Junction Temperature (Pulsed RF Operation)
250
°°C
TSTG
Storage Temperature
- 65 to + 200
°°C
Thermal Data
Thermal Data
RTH(j-c)
Junction-Case Thermal Resistance *
7.0
°°C/W
* Applies only to rated RF amplifier operation
Features
•• REFRACTORY/GOLD METALLIZATION
•• EMITTER SITE BALLASTED
•• 5:1 VSWR CAPABILITY
•• LOW THERMAL RESISTANCE
•• INPUT/OUTPUT MATCHING
•• OVERLAY GEOMETRY
•• METAL/CERAMIC HERMETIC PACKAGE
•• P
OUT = 6.0 W MIN. WITH 9.3 dB Gain
RF & MICROWAVE TRANSISTORS
AVIONICS APPLICATIONS
140 COMMERCE DRIVE
MONTGOMERYVILLE, PA
18936-1013
PHONE: (215) 631-9840
FAX: (215) 631-9855


Similar Part No. - MS2211

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
MS2211 CIT-MS2211 Datasheet
124Kb / 1P
CIT SWITCH
logo
Advanced Power Technolo...
MS2211 ADPOW-MS2211 Datasheet
181Kb / 4P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
logo
CIT Relay & Switch
MS2211L2 CIT-MS2211L2 Datasheet
124Kb / 1P
CIT SWITCH
MS2211L4 CIT-MS2211L4 Datasheet
124Kb / 1P
CIT SWITCH
More results

Similar Description - MS2211

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AM0608-450 STMICROELECTRONICS-AM0608-450 Datasheet
82Kb / 3P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Aug-1992
AM80912-015 STMICROELECTRONICS-AM80912-015 Datasheet
94Kb / 6P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Mar-1994
AM80912-085 STMICROELECTRONICS-AM80912-085 Datasheet
66Kb / 5P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Aug-1992
MSC1000M STMICROELECTRONICS-MSC1000M Datasheet
100Kb / 5P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Oct-1992
MSC81325M STMICROELECTRONICS-MSC81325M Datasheet
73Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
Oct-1992
MSC81400M STMICROELECTRONICS-MSC81400M Datasheet
65Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
Oct-1992
SD1540-08 STMICROELECTRONICS-SD1540-08 Datasheet
72Kb / 5P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
Nov-1992
logo
Advanced Power Technolo...
MS2290 ADPOW-MS2290 Datasheet
94Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
MS2554 ADPOW-MS2554 Datasheet
91Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
MSC1175M ADPOW-MSC1175M Datasheet
143Kb / 4P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com