Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS2213 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # MS2213
Description  RF & MICROWAVE TRANSISTORS SPECIALITY AVIONICS/JTIDS APPLICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MS2213 Datasheet(HTML) 1 Page - Microsemi Corporation

  MS2213 Datasheet HTML 1Page - Microsemi Corporation MS2213 Datasheet HTML 2Page - Microsemi Corporation MS2213 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MSC0920.PDF 9-23-98
MS2213
DESCRIPTION:
DESCRIPTION:
The MS2213 device is a high power Class C transistor specifically
designed for JTIDS pulsed output and driver applications.
The device is capable of operation over a wide range of pulse
widths, duty cycles and temperatures and is capable of
withstanding 15:1 output VSWR at rated RF conditions.
Low RF thermal resistance and computerized automatic wire
bonding techniques ensure high reliability and product
consistency.
The MS2213 is supplied in the hermetic metal/ceramic package
with internal input matching structures.
AABSOLUTE MAXIMUM RATINGS
BSOLUTE MAXIMUM RATINGS (Tcase = 25°°C)
Symbol
Parameter
Value
Unit
PDISS
Power Dissipation *
(TC
≤≤ 85°°C)
75
W
IC
Device Current *
3.5
A
VCC
Collector - Supply Voltage *
40
V
TJ
Junction Temperature (Pulsed RF Operation)
250
°°C
TSTG
Storage Temperature
- 65 to + 200
°°C
Thermal Data
Thermal Data
RTH(j-c)
Junction-Case Thermal Resistance
2.2
°°C/W
* Applies only to rated RF amplifier operation
Features
•• REFRACTORY/GOLD METALLIZATION
•• EMITTER SITE BALLASTED
•• 15:1 VSWR CAPABILITY
•• LOW RF THERMAL RESISTANCE
•• INPUT/OUTPUT MATCHING
•• OVERLAY GEOMETRY
•• METAL/CERAMIC HERMETIC PACKAGE
•• P
OUT = 30 W MIN. WITH 7.8 dB Gain
RF & MICROWAVE TRANSISTORS
SPECIALITY AVIONICS/JTIDS APPLICATIONS
140 COMMERCE DRIVE
MONTGOMERYVILLE, PA
18936-1013
PHONE: (215) 631-9840
FAX: (215) 631-9855


Similar Part No. - MS2213

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
MS2213 ADPOW-MS2213 Datasheet
185Kb / 5P
RF & MICROWAVE TRANSISTORS AVIONICS/JTIDS APPLICATIONS
More results

Similar Description - MS2213

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AM0608-450 STMICROELECTRONICS-AM0608-450 Datasheet
82Kb / 3P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Aug-1992
AM80912-015 STMICROELECTRONICS-AM80912-015 Datasheet
94Kb / 6P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Mar-1994
AM80912-085 STMICROELECTRONICS-AM80912-085 Datasheet
66Kb / 5P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Aug-1992
MSC1000M STMICROELECTRONICS-MSC1000M Datasheet
100Kb / 5P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Oct-1992
MSC81325M STMICROELECTRONICS-MSC81325M Datasheet
73Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
Oct-1992
MSC81400M STMICROELECTRONICS-MSC81400M Datasheet
65Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
Oct-1992
SD1540-08 STMICROELECTRONICS-SD1540-08 Datasheet
72Kb / 5P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
Nov-1992
logo
Advanced Power Technolo...
MS2290 ADPOW-MS2290 Datasheet
94Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
MS2213 ADPOW-MS2213 Datasheet
185Kb / 5P
RF & MICROWAVE TRANSISTORS AVIONICS/JTIDS APPLICATIONS
MSC1175M ADPOW-MSC1175M Datasheet
143Kb / 4P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com