Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS2215 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # MS2215
Description  RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MS2215 Datasheet(HTML) 2 Page - Microsemi Corporation

  MS2215 Datasheet HTML 1Page - Microsemi Corporation MS2215 Datasheet HTML 2Page - Microsemi Corporation MS2215 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MSC0921.PDF 9-23-98
MS2215
ELECTRICAL SPECIFICATIONS (
ELECTRICAL SPECIFICATIONS (Tcase = 25
Tcase = 25°°C)
C)
STATIC
STATIC
Symbol
Test Conditions
Value
Min.
Typ.
Max.
Unit
BVCBO
IC =
60 mA
IE = 0 mA
55
65
----
V
BVEBO
IE =
10 mA
IC = 0 mA
3.5
----
----
V
BVCES
IC = 100 mA
55
----
----
V
ICES
VCE =
35 V
----
----
25
mA
hFE
VCE =
5V
IC = 5 A
20
----
----
----
DYNAMIC
DYNAMIC
Symbol
Test Conditions
Value
Min.
Typ.
Max.
Unit
POUT
f = 960 - 1215 MHz
PIN = 26.7 W
VCC = 35 V
150
----
----
W
V
V
C
f = 960 - 1215 MHz
PIN = 26.7 W
VCC = 35 V
45
----
----
%
GP
f = 960 - 1215 MHz
PIN = 26.7 W
VCC = 35 V
7.5
----
----
dB
Note:
Pulse format: 6.4
µµs on 6.6 µµs off, repeat for 3.3 ms, then off for 4.5125 ms.
Duty Cycle: Burst 49.2%, Overall 20.8%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com