Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5002LAS Datasheet(PDF) 8 Page - Nippon Precision Circuits Inc

Part # SM5002LAS
Description  Crystal Oscillator Module ICs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5002LAS Datasheet(HTML) 8 Page - Nippon Precision Circuits Inc

  SM5002LAS Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5002LAS Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5002LAS Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5002LAS Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5002LAS Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5002LAS Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5002LAS Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5002LAS Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5002LAS Datasheet HTML 9Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
SM5002L series
NIPPON PRECISION CIRCUITS—8
Load cct 1
Switching Time Measurement Waveform
Output duty level (CMOS)
Output duty cycle (CMOS)
Output Enable/Disable Delay
The following figure shows the oscillator timing during normal operation. Note that when the device is in
standby, the oscillator stops. When standby is released, the oscillator starts and stable oscillator output occurs
after a short delay.
CL = 15pF: tr1, tf1 /DUTY, IDD (70MHz < f ≤ 100MHz)
CL = 30pF: tr2 , tf2 /DUTY, IDD (f ≤ 70MHz)
Q output
CL
(Including probe capacity)
0.9VDD
0.1VDD
0.9VDD
0.1VDD
tr
tf
Q output
DUTY measuring
voltage (0.5VDD
)
TW
DUTY measuring
voltage
(0.5VDD)
Q output
TW
T
DUTY= TW/ T
100 (%)
Q output
INH
VIH
VIL
tPLZ
tPZL
INH inputwaveform
tr = tf 10ns



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com