Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF5002LB Datasheet(PDF) 4 Page - Nippon Precision Circuits Inc

Part # CF5002LB
Description  Crystal Oscillator Module ICs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5002LB Datasheet(HTML) 4 Page - Nippon Precision Circuits Inc

  CF5002LB Datasheet HTML 1Page - Nippon Precision Circuits Inc CF5002LB Datasheet HTML 2Page - Nippon Precision Circuits Inc CF5002LB Datasheet HTML 3Page - Nippon Precision Circuits Inc CF5002LB Datasheet HTML 4Page - Nippon Precision Circuits Inc CF5002LB Datasheet HTML 5Page - Nippon Precision Circuits Inc CF5002LB Datasheet HTML 6Page - Nippon Precision Circuits Inc CF5002LB Datasheet HTML 7Page - Nippon Precision Circuits Inc CF5002LB Datasheet HTML 8Page - Nippon Precision Circuits Inc CF5002LB Datasheet HTML 9Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
SM5002L series
NIPPON PRECISION CIRCUITS—4
SPECIFICATIONS
Absolute Maximum Ratings
VSS = 0 V unless otherwise noted.
Recommended Operating Conditions
CF5002L
× series (Chip form)
VSS = 0 V unless otherwise noted.
SM5002L
×S series (8-pin SOP)
VSS = 0 V unless otherwise noted.
Parameter
Symbol
Condition
Rating
Unit
Supply voltage range
VDD
−0.5 to 7.0
V
Input voltage range
VIN
−0.5 to V
DD + 0.5
V
Output voltage range
VOUT
−0.5 to V
DD + 0.5
V
Operating temperature range
Topr
−40 to 85
°C
Storage temperature range
Tstg1
Chip form
−65 to 150
°C
Tstg2
8-pin SOP
−40 to 125
Output current
IOUT
25
mA
Power dissipation
PD
Ta
≤ 85°C, 8-pin SOP
200
mW
Soldering temperature
Tsld
8-pin SOP
255
°C
Soldering time
tsld
8-pin SOP
10
s
Parameter
Symbol
Conditions
Limits
Units
min
typ
max
Supply voltage
VDD
CL ≤ 15pF, f ≤ 70 MHz
2.7
–
3.6
V
CL ≤ 15pF, 70 < f ≤ 100 MHz
3.0
–
3.6
V
CL ≤ 30pF, f ≤ 70 MHz
3.0
–
3.6
V
Input voltage
VIN
VSS
–VDD
V
Operating temperature
TOPR
−20
–
80
°C
Parameter
Symbol
Conditions
Limits
Units
min
typ
max
Supply voltage
VDD
CL ≤ 15pF, f ≤ 50 MHz
2.7
–
3.6
V
CL ≤ 15pF, 50 < f ≤ 70 MHz
3.0
–
3.6
V
CL ≤ 30pF, f ≤ 50 MHz
3.0
–
3.6
V
Input voltage
VIN
VSS
–VDD
V
Operating temperature
TOPR
−20
–
80
°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com