Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSARS200S10L Datasheet(PDF) 1 Page - Microsemi Corporation

Part # MSARS200S10L
Description  HIGH CURRENT CAPABILITY LOW VOLTAGE DROP STANDARD RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MSARS200S10L Datasheet(HTML) 1 Page - Microsemi Corporation

  MSARS200S10L Datasheet HTML 1Page - Microsemi Corporation MSARS200S10L Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MSARS200S10L
MSARS200S10LR
100 Volts
200 Amps
Features
• passivated mesa structure for very low leakage currents
• Epitaxial structure minimizes forward voltage drop
• Hermetically sealed, low profile ceramic surface mount power package
• Low package inductance
• Very low thermal resistance
• Available as standard polarity (strap-to-anode, MSARS200S10L) and
reverse polarity (strap-to-cathode: MSARS200S10RL)
DESCRIPTION
SYMBOL
MAX.
UNIT
Peak Repetitive Reverse Voltage
VRRM
100
Volts
Working Peak Reverse Voltage
VRWM
100
Volts
DC Blocking Voltage
VR
100
Volts
Average Rectified Forward Current, Tc
≤125°C
IF(ave)
200
Amps
derating, forward current, Tc
≥ 125°C
dIF/dT
4
Amps/
°C
Nonrepetitive Peak Surge Current, tp= 8.3 ms, half-sinewave
IFSM
750
Amps
Junction Temperature Range
Tj
-55 to +200
°C
Storage Temperature Range
Tstg
-55 to +200
°C
Thermal Resistance, Junction to Case:
MSARS200S10L
MSARS200S10LR
θ
JC
0.20
0.35
°C/W
Maximum Ratings @ 25
°C (unless otherwise specified)
Mechanical Outline
ThinKey™ 3
Datasheet# MSC1037A
2830 S. Fairview St.
Santa Ana, CA 92704
PH: (714) 979-8220
FAX: (714) 966-5256
HIGH CURRENT
CAPABILITY &
LOW VOLTAGE
DROP STANDARD
RECOVERY
RECTIFIER


Similar Part No. - MSARS200S10L

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MSARS200S20LP MICROSEMI-MSARS200S20LP Datasheet
61Kb / 2P
HIGH CURRENT CAPABILITY & LOW VOLTAGE DROP STANDARD RECOVERY RECTIFIER
MSARS200S20LRP MICROSEMI-MSARS200S20LRP Datasheet
61Kb / 2P
HIGH CURRENT CAPABILITY & LOW VOLTAGE DROP STANDARD RECOVERY RECTIFIER
More results

Similar Description - MSARS200S10L

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MSARS200S20LP MICROSEMI-MSARS200S20LP Datasheet
61Kb / 2P
HIGH CURRENT CAPABILITY & LOW VOLTAGE DROP STANDARD RECOVERY RECTIFIER
MSARS50S20X MICROSEMI-MSARS50S20X Datasheet
116Kb / 2P
LOW VOLTAGE DROP STANDARD RECTIFIER
logo
Semtech Corporation
S1KW16KA-1 SEMTECH-S1KW16KA-1 Datasheet
131Kb / 2P
STANDARD RECOVERY HIGH VOLTAGE, HIGH CURRENT RECTIFIER
S2KW8KA-1 SEMTECH-S2KW8KA-1 Datasheet
69Kb / 2P
STANDARD RECOVERY HIGH VOLTAGE, HIGH CURRENT RECTIFIER
S4KW4KA-1 SEMTECH-S4KW4KA-1 Datasheet
132Kb / 2P
STANDARD RECOVERY HIGH VOLTAGE, HIGH CURRENT RECTIFIER
SCPHN6 SEMTECH-SCPHN6 Datasheet
117Kb / 2P
STANDARD RECOVERY HIGH VOLTAGE, HIGH CURRENT RECTIFIER
logo
First Components Intern...
SR120 FCI-SR120 Datasheet
7Mb / 2P
High surge current capability High current capability Low forward voltage drop
logo
Kersemi Electronic Co.,...
MBR30L60CT KERSEMI-MBR30L60CT Datasheet
869Kb / 2P
High current capability, low forward voltage drop
logo
Diodes Incorporated
SR104-B DIODES-SR104-B Datasheet
48Kb / 2P
High Current Capability and Low Forward Drop
Rev erse
logo
Unisonic Technologies
MBR3150L-Z21D-R UTC-MBR3150L-Z21D-R Datasheet
134Kb / 3P
Low forward voltage drop, High Current Capability
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com