Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSARS200S10LR Datasheet(PDF) 2 Page - Microsemi Corporation

Part # MSARS200S10LR
Description  HIGH CURRENT CAPABILITY LOW VOLTAGE DROP STANDARD RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MSARS200S10LR Datasheet(HTML) 2 Page - Microsemi Corporation

  MSARS200S10LR Datasheet HTML 1Page - Microsemi Corporation MSARS200S10LR Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PRELIMINARY
DESCRIPTION
SYMBOL
CONDITIONS
MIN
TYP.
MAX
UNIT
Reverse (Leakage)
IR25
VR= 100 Vdc, Tc= 25
°C
-
.3
25
µA
Current
IR100
VR= 100 Vdc, Tc= 100
°C
-
5
-
µA
IR125
VR= 100 Vdc, Tc= 125
°C
-
15
750
µA
Forward Voltage
VFa25
IF= 50 mA, Tc= 25
°C
615
-
mV
pulse test,
VFb25
IF= 100 mA, Tc= 25
°C
640
-
mV
pw= 300
µs
VFc25
IF= 500 mA, Tc= 25
°C
700
-
mV
d/c
≤2%
VFa125
IF= 50 mA, Tc= 125
°C
440
-
mV
VFb125
IF= 100 mA, Tc= 125
°C
470
-
mV
VFc125
IF= 500 mA, Tc= 125
°C
540
-
mV
VFa-55
IF= 50 mA, Tc= -55
°C
740
-
mV
VFb-55
IF= 100 mA, Tc= -55
°C
760
-
mV
VFc-55
IF= 500 mA, Tc= -55
°C
800
-
mV
VF1
IF= 5 A, Tc= 25
°C
775
825
mV
VF2
IF= 10 A, Tc= 25
°C
800
-
mV
VF3
IF= 25 A, Tc= 25
°C
835
890
mV
VF4
IF= 50 A, Tc= 25
°C
860
925
mV
VF5
IF= 100 A, Tc= 25
°C
890
960
mV
VF6
IF= 150 A, Tc= 25
°C
940
VF7
IF= 200 A, Tc= 25
°C
970
VF8
IF= 250 A, Tc= 25
°C
1000
VF9
IF= 300 A, Tc= 25
°C
1035
VF10
IF= 5 A, Tc= -55
°C
875
925
mV
VF11
IF= 10 A, Tc= -55
°C
895
-
mV
VF12
IF= 25 A, Tc= -55
°C
920
980
mV
VF13
IF= 50 A, Tc= -55
°C
945
1020
mV
VF14
IF= 100 A, Tc= -55
°C
970
1050
mV
VF16
IF= 10 A, Tc= 125
°C
670
-
mV
VF17
IF= 25 A, Tc= 125
°C
715
775
mV
VF18
IF= 50 A, Tc= 125
°C
745
820
mV
VF19
IF= 100 A, Tc= 125
°C
780
850
mV
Junction Capacitance
Cj1
VR= 10 Vdc
1700
2500
pF
Breakdown Voltage
BVR
IR= 500
µA, Tc= 25°C
100
125
n/a
V
Reverse Recovery Time
trr
IF= .5 A, IR= 1 A, IRR=
.25 A
.6
2
µs
Electrical Parameters
Electrical Parameters
MSARS200S10L
MSARS200S10LR
Datasheet# MSC1037A



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com