Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSARS50S20X Datasheet(PDF) 1 Page - Microsemi Corporation

Part # MSARS50S20X
Description  LOW VOLTAGE DROP STANDARD RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MSARS50S20X Datasheet(HTML) 1 Page - Microsemi Corporation

  MSARS50S20X Datasheet HTML 1Page - Microsemi Corporation MSARS50S20X Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DESCRIPTION
SYMBOL
MAX.
UNIT
Peak Repetitive Reverse Voltage
VRRM
200
Volts
Working Peak Reverse Voltage
VRWM
200
Volts
DC Blocking Voltage
VR
200
Volts
Average Rectified Forward Current, Tc
≤125°C
IF(ave)
50
Amps
Nonrepetitive Peak Surge Current, tp= 8.3 ms, half-sinewave
IFSM
375
Amps
Junction Temperature Range
Tj
-65 to +175
°C
Storage Temperature Range
Tstg
-65 to +175
°C
Thermal Resistance, Junction to Case:
θ
JC
1.0
°C/W
PRELIMINARY
MSARS50S20X,Y
MSARS50S20RX,Y
200 Volts
50 Amps
2
µs
Features
• passivated mesa structure for very low leakage currents
• Epitaxial structure minimizes forward voltage drop
• Hermetically sealed, low profile ceramic (MSARS50S20Y and
MSARS50S20RY) or glass (MSARS50S20X and MSARS50S20RX)
surface mount power package
• Low package inductance
• Very low thermal resistance
• Available as standard polarity (strap-to-anode, MSARS50S20X, Y) and
reverse polarity (strap-to-cathode: MSARS50S20RX, Y)
Maximum Ratings @ 25
°C (unless otherwise specified)
Mechanical Outline
Datasheet# MSC0861
2830 S. Fairview St.
Santa Ana, CA 92704
PH: (714) 979-8220
FAX: (714) 966-5256
LOW VOLTAGE
DROP STANDARD
RECTIFIER
MSARS50S20X & RX (X-BODY)
MSARS50S20Y & RY (Slugger)


Similar Part No. - MSARS50S20X

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MSARS200S10L MICROSEMI-MSARS200S10L Datasheet
80Kb / 2P
HIGH CURRENT CAPABILITY LOW VOLTAGE DROP STANDARD RECOVERY RECTIFIER
MSARS200S10LR MICROSEMI-MSARS200S10LR Datasheet
80Kb / 2P
HIGH CURRENT CAPABILITY LOW VOLTAGE DROP STANDARD RECOVERY RECTIFIER
MSARS200S20LP MICROSEMI-MSARS200S20LP Datasheet
61Kb / 2P
HIGH CURRENT CAPABILITY & LOW VOLTAGE DROP STANDARD RECOVERY RECTIFIER
MSARS200S20LRP MICROSEMI-MSARS200S20LRP Datasheet
61Kb / 2P
HIGH CURRENT CAPABILITY & LOW VOLTAGE DROP STANDARD RECOVERY RECTIFIER
More results

Similar Description - MSARS50S20X

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MSARS200S10L MICROSEMI-MSARS200S10L Datasheet
80Kb / 2P
HIGH CURRENT CAPABILITY LOW VOLTAGE DROP STANDARD RECOVERY RECTIFIER
MSARS200S20LP MICROSEMI-MSARS200S20LP Datasheet
61Kb / 2P
HIGH CURRENT CAPABILITY & LOW VOLTAGE DROP STANDARD RECOVERY RECTIFIER
logo
Sensitron
SHD114623 SENSITRON-SHD114623 Datasheet
54Kb / 3P
POWER SCHOTTKY RECTIFIER Very Low Voltage Drop
SHD115144 SENSITRON-SHD115144 Datasheet
147Kb / 3P
HERMETIC SCHOTTKY RECTIFIER Low Forward Voltage Drop
SHD115236 SENSITRON-SHD115236 Datasheet
149Kb / 3P
HERMETIC SCHOTTKY RECTIFIER Low Forward Voltage Drop
SHD116123 SENSITRON-SHD116123 Datasheet
146Kb / 2P
HERMETIC SCHOTTKY POWER RECTIFIER Low Voltage Drop
SHD118134 SENSITRON-SHD118134 Datasheet
94Kb / 3P
HERMETIC SCHOTTKY RECTIFIER Low Forward Voltage Drop
SHD118436 SENSITRON-SHD118436 Datasheet
94Kb / 3P
HERMETIC SCHOTTKY RECTIFIER Low Forward Voltage Drop
logo
KODENSHI_AUK CORP.
SDB1060D KODENSHI-SDB1060D Datasheet
204Kb / 5P
LOW FORWARD DROP VOLTAGE SCHOTTKY RECTIFIER
SDB1060D-1 KODENSHI-SDB1060D-1 Datasheet
204Kb / 5P
LOW FORWARD DROP VOLTAGE SCHOTTKY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com