Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSARS50S20RXY Datasheet(PDF) 2 Page - Microsemi Corporation

Part # MSARS50S20RXY
Description  LOW VOLTAGE DROP STANDARD RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MSARS50S20RXY Datasheet(HTML) 2 Page - Microsemi Corporation

  MSARS50S20RXY Datasheet HTML 1Page - Microsemi Corporation MSARS50S20RXY Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PRELIMINARY
DESCRIPTION
SYMBOL
CONDITIONS
MIN
TYP.
MAX
UNIT
Reverse (Leakage)
IR25
VR= 200 Vdc, Tc= 25
°C
1
10
µA
Current
IR125
VR= 200 Vdc, Tc= 125
°C
2
0.3
mA
Forward Voltage
VF1
IF= 5 A, Tc= 25
°C
810
840
mV
pulse test,
VF2
IF= 10 A, Tc= 25
°C
835
875
mV
pw= 300
µs
VF3
IF= 25 A, Tc= 25
°C
875
925
mV
d/c
≤2%
VF4
IF= 50 A, Tc= 25
°C
915
975
mV
VF5
IF= 100 A, Tc= 25
°C
975
-
mV
VF6
IF= 5 A, Tc= -55
°C
910
950
mV
VF7
IF= 10 A, Tc= -55
°C
930
1000
mV
VF8
IF= 25 A, Tc= -55
°C
970
1050
mV
VF9
IF= 50 A, Tc= -55
°C
1000
1100
mV
VF10
IF= 5 A, Tc= 125
°C
675
725
mV
VF11
IF= 10 A, Tc= 125
°C
710
775
mV
VF12
IF= 25 A, Tc= 125
°C
760
825
mV
VF13
IF= 50 A, Tc= 125
°C
800
875
mV
Junction Capacitance
Cj1
VR= 10 Vdc
300
400
pF
Cj2
VR= 5 Vdc
400
-
pF
Breakdown Voltage
BVR
IR= 500
µA, Tc= 25°C
220
250
n/a
V
Reverse Recovery Time
trr
IF= .5 A, IR= 1 A, IRR=
.25 A
1
2
µs
VF(IF) typical
400
500
600
700
800
900
1000
0.01
0.1
1
10
100
IF (A)
25 deg.C
50 deg.C
100deg.C
125deg.C
Electrical Parameters
MSARS50S20X,Y
MSARS50S20RX,Y



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com