Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSASC150H45A Datasheet(PDF) 1 Page - Microsemi Corporation

Part # MSASC150H45A
Description  LOW VOLTAGE DROP SCHOTTKY DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MSASC150H45A Datasheet(HTML) 1 Page - Microsemi Corporation

  MSASC150H45A Datasheet HTML 1Page - Microsemi Corporation MSASC150H45A Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MSASC150H45A
45 Volts
150 Amps
Features
• Platinum/Tungsten schottky barrier for low forward voltage drop
• Oxide passivated structure for very low leakage currents
• Guard ring protection for increased reverse energy capability
• Epitaxial structure minimizes forward voltage drop
• Hermetically sealed, low profile ceramic surface mount power package
• Low package inductance
•
Very low thermal resistance
•
TXV-level (MSASC150H45AV) or S-level (MSASC150H45AS)
screening i.a.w. Microsemi Internal Procedure PS 11.50 available
DESCRIPTION
SYMBOL
MAX.
UNIT
Peak Repetitive Reverse Voltage
VRRM
45
Volts
Working Peak Reverse Voltage
VRWM
45
Volts
DC Blocking Voltage
VR
45
Volts
Average Rectified Forward Current, Tc
≤ 135°C
IF(ave)
150
Amps
derating, forward current, Tc
≥ 135°C
dIF/dT
(3.75)
Amps/
°C
Nonrepetitive Peak Surge Current, tp= 8.3 ms, half-sinewave
IFSM
500
Amps
Peak Repetitive Reverse Surge Current, tp= 1
µs, f= 1kHz
IRRM
2
Amp
Junction Temperature Range
Tj
-65 to +175
°C
Storage Temperature Range
Tstg
-65 to +175
°C
Thermal Resistance, Junction to Case
θ
JC
0.25
°C/W
Maximum Ratings @ 25
°°C (unless otherwise specified)
Mechanical Outline
Datasheet# MSC0876.PDF
2830 S. Fairview St.
Santa Ana, CA 92704
PH: (714) 979-8220
FAX: (714) 966-5256
LOW VOLTAGE
DROP SCHOTTKY
DIODE


Similar Part No. - MSASC150H45A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MSASC150H45L MICROSEMI-MSASC150H45L Datasheet
86Kb / 3P
LOW VOLTAGE DROP SCHOTTKY DIODE
MSASC150H45LR MICROSEMI-MSASC150H45LR Datasheet
86Kb / 3P
LOW VOLTAGE DROP SCHOTTKY DIODE
More results

Similar Description - MSASC150H45A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N6815 MICROSEMI-1N6815 Datasheet
76Kb / 2P
LOW VOLTAGE DROP SCHOTTKY DIODE
1N6818 MICROSEMI-1N6818 Datasheet
88Kb / 2P
LOW VOLTAGE DROP SCHOTTKY DIODE
1N6821 MICROSEMI-1N6821 Datasheet
86Kb / 3P
LOW VOLTAGE DROP SCHOTTKY DIODE
MSASC100H45H MICROSEMI-MSASC100H45H Datasheet
47Kb / 2P
SURFACE MOUNT LOW VOLTAGE DROP SCHOTTKY DIODE
logo
Nihon Inter Electronics...
EA60QC04-F NIEC-EA60QC04-F Datasheet
32Kb / 2P
Low Forward Voltage drop Diode
EA31FS4 NIEC-EA31FS4 Datasheet
44Kb / 5P
Low Forward Voltage drop Diode
20KDA10 NIEC-20KDA10 Datasheet
41Kb / 5P
Low Forward Voltage drop Diode
logo
Leshan Radio Company
LMSD103AT1G LRC-LMSD103AT1G Datasheet
122Kb / 3P
SCHOTTKY BARRIER SWITCHING DIODE Low Forward Voltage Drop
logo
Solid States Devices, I...
SH0034 SSDI-SH0034_15 Datasheet
153Kb / 2P
LOW VOLTAGE DROP SCHOTTKY POWER DIODE
SH0035 SSDI-SH0035_15 Datasheet
168Kb / 2P
LOW VOLTAGE DROP SCHOTTKY POWER DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com