Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSASC25W45K Datasheet(PDF) 2 Page - Microsemi Corporation

Part # MSASC25W45K
Description  LOW LEAKAGE SCHOTTKY DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MSASC25W45K Datasheet(HTML) 2 Page - Microsemi Corporation

  MSASC25W45K Datasheet HTML 1Page - Microsemi Corporation MSASC25W45K Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DESCRIPTION
SYMBOL
CONDITIONS
MIN
TYP.
MAX
UNIT
Reverse (Leakage)
IR25
VR= 45 Vdc, Tc= 25
°C
5
300
µA
Current
IR125
VR= 45 Vdc, Tc= 125
°C
1.5
10
mA
Forward Voltage
VF1
IF= 5A, Tc= 25
°C
540
600
mV
pulse test,
VF2
IF= 10A, Tc= 25
°C
590
675
mV
pw= 300
µs
VF3
IF= 20A, Tc= 25
°C
680
775
mV
d/c
≤2%
VF4
IF= 50A, Tc= 25
°C
850
-
mV
VF5
IF= 10A, Tc= -55
°C
680
775
mV
VF6
IF= 10A, Tc= 125
°C
500
-
mV
Junction Capacitance
Cj1
VR= 10 Vdc
525
600
pF
Cj2
VR= 5 Vdc
725
pF
Breakdown Voltage
BVR
IR= 1 mA, Tc= 25
°C
55
V
IR= 1 mA, Tc= -55
°C
45
50
V
Electrical Parameters
MSASC25W45K (1N6816)
MSASC25W45KR (1N6816R)
Datasheet# MSC1033A



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com