Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE3TC0102 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE3TC0102
Description  PE-TC195 Series Phase Stable Test Cable SMA Male to SMA Female to 18 GHz ,RoHS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3TC0102 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE3TC0102 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3TC0102 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3TC0102 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3TC0102 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE3TC0102 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
.
Specifications by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency
3
12
18
GHz
Insertion Loss (Max.)
0.22
0.52
0.68
dB/ft
[0.72]
[1.71]
[2.23]
[dB/m]
VSWR (Max.)
1.25:1
1.25:1
1.25:1
Power Handling (Max.)
70
Watts
.
Mechanical Specifications
Cable Assembly
.
One Time Minimum Bend Radius
1 in [25.4 mm]
Cable
Cable Type
PE-TC195
Impedance
50 Ohms
Inner Conductor Type
Solid
Inner Conductor Material and Plating
Copper, Silver
Dielectric Type
PTFE
Number of Shields
3
Shield Layer 1
Silver Plated Copper Braid
Shield Layer 2
Silver Plated Copper Tape
Shield Layer 3
Silver Plated Copper Braid
Jacket Material
FEP
Jacket Diameter
0.195 in [4.95 mm]
Connectors
Description
Connector 1
Connector 2
Type
SMA Male
SMA Female
Impedance
50 Ohms
50 Ohms
Connection Method
Standard
Standard
Contact Material and Plating
Beryllium Copper, Gold
Beryllium Copper, Gold
Dielectric Type
PTFE
PTFE
Coupling Nut Material and Plating
Passivated Stainless Steel
Body Material and Plating
Passivated Stainless Steel
Passivated Stainless Steel
.
PE3TC0102 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: PE-TC195 Series Phase Stable Test Cable SMA Male to SMA Female to 18 GHz ,RoHS
PE3TC0102
RF Cable Assemblies Technical Data Sheet
PE3TC0102
PE-TC195 Series Phase Stable Test Cable SMA
Male to SMA Female to 18 GHz ,RoHS



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com