Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE5SC1001 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE5SC1001
Description  3.5mm Male General Purpose Calibration Kit Component Short Circuit Operating From DC to 26.5 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE5SC1001 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE5SC1001 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE5SC1001 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE5SC1001 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE5SC1001 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
TECHNICAL DATA SHEET
#
Notes
1
Keep provided protective blue caps installed when not in use.
2
Store in climate controlled environment.
3
Always keep connectors clean.
4
Avoid touching the connector interface.
5
Use caution when handling.
6
For female components, do not insert male pin greater than 0.037" [.94 mm]. Failure to
comply will result in damage to the female connector.
7
When mating, always ensure that the components to be interconnected remain in a fixed
position while rotating only the coupling nut slowly to mate the connectors.
8
When de-mating, always ensure that the interconnected components remain in a fixed
position while rotating only the coupling nut slowly to de-mate the connectors.
9
Visually inspect the connector threads prior to use. If needed, clean the center conductor
pin and outer conductor with alcohol to remove any debris that may be present. Be sure to
apply the alcohol in a circular motion with a lint-free cloth or applicator.
10 Use at room temperature.
11 Torque wrench provided is intended for 3.5mm connector types and is calibrated to 8 in-lbs.
General Instructions and Usage Notes
PE5SC1001
PE5SC1001 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 3.5mm Male General Purpose Calibration Kit Component Short Circuit Operating From DC to
26.5 GHz PE5SC1001
3.5mm Male General Purpose Calibration Kit Component
Short Circuit Operating From DC to 26.5 GHz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com