Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE-P047 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE-P047
Description  Flexible Version of 047 Semi-rigid Coax Cable Double Shielded with Blue FEP Jacket
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE-P047 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE-P047 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE-P047 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE-P047 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Frequency 6
Frequency, GHz
12
Attenuation, dB/100ft [dB/100m]
140 [459.32]
Power Handling, Watts
10
Frequency 7
Frequency, GHz
18
Attenuation, dB/100ft [dB/100m]
180 [590.55]
Power Handling, Watts
8
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Inner Conductor
Number of Strands
1
Material
Copper
Plating
Silver
Diameter, in [mm]
0.011 [0.28]
Dielectric:
Type
FEP
Diameter, in [mm]
0.036 [0.91]
Shield:
Number of
2
Material 1
Silver Plated Copper Tape
Material 2
Silver Plated Copper Braid
Diameter, in [mm]
0.046 [1.17]
Jacket:
Material
FEP
Diameter, in [mm]
0.056 [1.42]
Color
Blue
One Time Minimum Bend Radius, in [mm]
0.2 [5.08]
Repeated Minimum Bend Radius, in [mm]
0.4 [10.16]
Weight, lbs/ft [Kg/m]
0.004 [0.01]
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/precision-0.056-semirigid-replacement-50-ohm-coax-cable-fep-jacket-pe-p047-p.aspx
Flexible Version of 047 Semi-rigid Coax Cable Double Shielded with Blue FEP Jacket from Pasternack Enterprises has
same day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99%
Flexible Version of 047 Semi-rigid Coax Cable
Double Shielded with Blue FEP Jacket
PE-P047
PE-P047 REV



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com