Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE-SR047AL Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE-SR047AL
Description  047 Semi-rigid Coax Cable with Tinned Aluminum Outer Conductor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE-SR047AL Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE-SR047AL Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE-SR047AL Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE-SR047AL Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Shield:
Number of
1
Material 1
Tinned Aluminum
Jacket:
Diameter, in [mm]
0.047 [1.19]
One Time Minimum Bend Radius, in [mm]
0.05 [1.27]
Weight, lbs/ft [Kg/m]
0.002 [0]
Compliance Certifications (visit www.Pasternack.com for current document)
Plotted and Other Data
Notes:
Values at 25 °C, sea level
047 Semi-rigid Coax Cable with Tinned Aluminum Outer Conductor from Pasternack Enterprises has same day shipment for
domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of
the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 047 Semi-rigid Coax Cable with Tinned Aluminum Outer Conductor PE-SR047AL
URL: http://www.pasternack.com/semirigid-0.047-50-ohm-coax-cable-tinned-aluminum-pe-sr047al-p.aspx
PE-SR047AL
PE-SR047AL REV
047 Semi-rigid Coax Cable with Tinned
Aluminum Outer Conductor



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com