Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5010 Datasheet(PDF) 13 Page - Nippon Precision Circuits Inc

Part # SM5010
Description  Crystal Oscillator Module ICs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5010 Datasheet(HTML) 13 Page - Nippon Precision Circuits Inc

Back Button SM5010 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5010 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5010 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5010 Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5010 Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5010 Datasheet HTML 11Page - Nippon Precision Circuits Inc SM5010 Datasheet HTML 12Page - Nippon Precision Circuits Inc SM5010 Datasheet HTML 13Page - Nippon Precision Circuits Inc SM5010 Datasheet HTML 14Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
SM5010 series
NIPPON PRECISION CIRCUITS—13
Load cct 1
Load cct 2
Switching Time Measurement Waveform
Output duty level (CMOS)
Output duty level (TTL)
Output duty cycle (CMOS)
Output duty cycle (TTL)
C L = 15pF : DUTY , IDD , tr , tf
R = 400
Ω
Q output
(Including probe
capacitance)
R
CL
C L = 15pF : DUTY , IDD , tr1 , tf1 , tr2 , tf2 , tr4 , tf4
C L = 30pF : tr4 , tf4
C L = 50pF : tr3 , tf3
Q output
CL
(Including probe
capacitance)
0.9VDD
0.1VDD
0.9VDD
0.1VDD
tr
tf
Q output
DUTY measurement
voltage (0.5V DD
)
TW
2.4V
0.4V
2.4V
0.4V
tr
tf
Q output
DUTY measurement
voltage (1.4V
)
TW
DUTY measurement
voltage
(0.5VDD)
Q output
TW
T
DUTY= TW/ T
100 (%)
DUTY measurement
voltage
(1.4V)
Q output
TW
T
DUTY= TW/ T
100 (%)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com