Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDONCAN1 Datasheet(PDF) 2 Page - ON Semiconductor

Part # ESDONCAN1
Description  CAN/CAN-FD Bus Protector
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ESDONCAN1 Datasheet(HTML) 2 Page - ON Semiconductor

  ESDONCAN1 Datasheet HTML 1Page - ON Semiconductor ESDONCAN1 Datasheet HTML 2Page - ON Semiconductor ESDONCAN1 Datasheet HTML 3Page - ON Semiconductor ESDONCAN1 Datasheet HTML 4Page - ON Semiconductor ESDONCAN1 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ESDONCAN1, SESDONCAN1
http://onsemi.com
2
MAXIMUM RATINGS (TJ = 25°C, unless otherwise specified)
Symbol
Rating
Value
Unit
PPK
Peak Power Dissipation, 8 x 20 ms Double Exponential Waveform (Note 1)
200
W
TJ
Operating Junction Temperature Range
−55 to 150
°C
TJ
Storage Temperature Range
−55 to 150
°C
TL
Lead Solder Temperature (10 s)
260
°C
ESD
Human Body Model (HBM)
Machine Model (MM)
IEC 61000−4−2 Specification (Contact)
8.0
400
23
kV
V
kV
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. Non−repetitive current pulse per Figure 1.
ELECTRICAL CHARACTERISTICS (TJ = 25°C, unless otherwise specified)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VRWM
Reverse Working Voltage
(Note 2)
24
−
−
V
VBR
Breakdown Voltage
IT = 1 mA (Note 3)
26.2
−
32
V
IR
Reverse Leakage Current
VRWM = 24 V
−
15
100
nA
VC
Clamping Voltage
IPP = 1 A (8 x 20 ms Waveform)
(Note 4)
−
33.4
36.6
V
VC
Clamping Voltage
IPP = 3 A (8 x 20 ms Waveform)
(Note 4)
−
44
50
V
IPP
Maximum Peak Pulse Current
8 x 20 ms Waveform (Note 4)
−
−
3.0
A
CJ
Capacitance
VR = 0 V, f = 1 MHz (Line to GND)
−
−
10
pF
DC
Diode Capacitance Matching
VR = 0 V, 5 MHz (Note 5)
−
0.26
2
%
2. TVS devices are normally selected according to the working peak reverse voltage (VRWM), which should be equal or greater than the DC
or continuous peak operating voltage level.
3. VBR is measured at pulse test current IT.
4. Pulse waveform per Figure 1.
5. DC is the percentage difference between CJ of lines 1 and 2 measured according to the test conditions given in the electrical characteristics
table.
ORDERING INFORMATION
Device
Package
Shipping†
ESDONCAN1LT1G
SOT−23
(Pb−Free)
3,000 / Tape & Reel
SESDONCAN1LT1G*
SOT−23
(Pb−Free)
3,000 / Tape & Reel
ESDONCAN1LT3G
SOT−23
(Pb−Free)
10,000 / Tape & Reel
SESDONCAN1LT3G*
SOT−23
(Pb−Free)
10,000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*S Prefix for Automotive and Other Applications Requiring Unique Site and Control Change Requirements; AEC−Q101 Qualified and PPAP
Capable.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com