Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT23-554 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HT23-554
Description  NEMA 23 High Torque Step Motor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HT23-554 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HT23-554 Datasheet HTML 1Page - List of Unclassifed Manufacturers HT23-554 Datasheet HTML 2Page - List of Unclassifed Manufacturers HT23-554 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product Datasheet
www.Applied-Motion.com
HT23-554
NEMA 23 High Torque Step Motor
1pc. - 120.00
50pc. - 90.00
Product Features
2-phase hybrid step motor
High torque design
Standard NEMA 23 dimensions
Optimized for high bus voltage
Applied Motion Products, Inc.
404 Westridge Dr.
Watsonville, CA 95076, USA
1-800-525-1609
Tel (831) 761-6555
Fax (831) 761-
6544
Product Description:
The HT23-554 two-phase stepper motor is designed for use with the STAC5 and STAC6 series of stepper drives
and is suitable for a wide range of motion control applications. The motor is optimized for use with high bus-
voltage drives and comes with an integral 10 ft shielded cable.
The motor is terminated with 8 motor leads plus 1 ground lead making it easy to connect the motor to the drive
depending on the drive voltage being used. For 120 VAC applications the motor leads must be connected in
parallel. For 220 VAC applications the motor leads must be connected in series.
Note: The HT23-554 step motor supersedes the HT23-550 step motor in 120 VAC applications with the STAC6
stepper drives.
Description


Similar Part No. - HT23-554

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HT23-550 ETC2-HT23-550 Datasheet
82Kb / 3P
NEMA 23 High Torque Step Motor
HT23-552 ETC2-HT23-552 Datasheet
83Kb / 3P
NEMA 23 High Torque Step Motor
HT23-553 ETC2-HT23-553 Datasheet
84Kb / 3P
NEMA 23 High Torque Step Motor
HT23-559 ETC2-HT23-559 Datasheet
154Kb / 3P
NEMA 23 High Torque Step Motor, 0.9 Degree
More results

Similar Description - HT23-554

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HT23-548 ETC2-HT23-548 Datasheet
82Kb / 3P
NEMA 23 High Torque Step Motor
HT23-549 ETC2-HT23-549 Datasheet
83Kb / 3P
NEMA 23 High Torque Step Motor
HT23-552 ETC2-HT23-552 Datasheet
83Kb / 3P
NEMA 23 High Torque Step Motor
HT23-595 ETC2-HT23-595 Datasheet
82Kb / 3P
NEMA 23 High Torque Step Motor
HT23-596 ETC2-HT23-596 Datasheet
81Kb / 3P
NEMA 23 High Torque Step Motor
HT23-597 ETC2-HT23-597 Datasheet
81Kb / 3P
NEMA 23 High Torque Step Motor
HT23-600 ETC2-HT23-600 Datasheet
82Kb / 3P
NEMA 23 High Torque Step Motor
HT23-395 ETC2-HT23-395 Datasheet
83Kb / 3P
NEMA 23 High Torque Step Motor
HT23-399 ETC2-HT23-399 Datasheet
83Kb / 3P
NEMA 23 High Torque Step Motor
HT23-401 ETC2-HT23-401 Datasheet
83Kb / 3P
NEMA 23 High Torque Step Motor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com