Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MXP3003 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # MXP3003
Description  GaAs PIN Photodiode Chips
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MXP3003 Datasheet(HTML) 1 Page - Microsemi Corporation

  MXP3003 Datasheet HTML 1Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Microsemi
Opto Electronics Products Group
2830 S. Fairview Street, Santa Ana, CA 92704, (714) 979-8220 Fax (714)966-5256
http://www.microsemi.com/opto
Page 1
Copyright
 2000
MSC1592.PDF 2000-10-16
MXP3000 Series
GaAs PIN Photodiode Chips
PRODUCT PREVIEW
O PT O E LE CT RON I C P RO DUC TS
DESCRIP T ION
DESCRIP T ION
DESCRIP T ION
DESCRIP T ION
Microsemi’s GaAs PIN
Photodiode chips are ideal for wide
bandwidth 850nm optical
networking applications.
The five devices offered feature
excellent dark current ratings of 1-3
nA, and a breakdown voltage of 20
Volts with the bandwidth options for
1.4 GHz (active area of 250 mm
2),
1.75 GHz(active area of 200 mm
2), 5
GHz (active area of 100 mm
2), 7 GHz
(active area of 60 mm
2), and 8.75
GHz (active area of 30 mm
2),
The MXP3000 series of
photodiodes are originally offered in
die form for manufacturers of
photodiode modules, supervisory
pump laser circuits, and combination
PIN Photodiode-transimpedance
amplifier hybrids.
IMPORTANT: For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
KEY FEATURE S
KEY FEATURE S
KEY FEATURE S
KEY FEATURE S
!"Low Dark Current
!"Extremely low capacitance
!"Wide bandwidth
!"Fast response time
APPLICATIONS/BENEFIT
APPLICATIONS/BENEFIT
APPLICATIONS/BENEFIT
APPLICATIONS/BENEFITS
SS
S
!"850nm Fiber Optic
Applications
Part Ratings and Characteristics
Item
Sym
MXP3001
MXP3002
MXP3003
MXP3004
MXP3005
Unit
Test Condition
Active Area(Dia.)
—
30
60
100
200
250
mm2
—
Photo Sensitive Area
0.0007
0.0028
0.0078
0.0314
0.0491
mm2
Detection Range
—
850
850
850
850
850
Nm
—
Responsivity
R
0.45
0.45
0.45
0.45
0.45
A/W
VR=-5V, l = 850nm
Dark Current
Idark
1
1
1
2
3
nA
VR=-5V
Capacitance
C
0.3
0.4
0.6
1.5
2
pF
VR=-5V
Rise/Fall Time
tr/tf
40
50
70
200
250
ps
VR=-5V, @ 850nm
Bandwidth
8.75
7
5
1.75
1.4
GHz
VR=-5V, @ 850nm
Breakdown Voltage
VB
20
20
20
20
20
IR=10uA
Chip Size
350 x 350
350 x 350
350 x 350
500 x 500
500 x 500
um x um
Bonding Pad Size
40 x 100
40 x 100
100
100
100
um x um


Similar Part No. - MXP3003

ManufacturerPart #DatasheetDescription
logo
Littelfuse
MXP310 LITTELFUSE-MXP310 Datasheet
619Kb / 14P
POLYSWITCH RESETTABLE DEVICES Strap Battery Devices
2016
MXP370BD LITTELFUSE-MXP370BD Datasheet
139Kb / 2P
PolySwitch PTC Devices
MXP370BD LITTELFUSE-MXP370BD Datasheet
619Kb / 14P
POLYSWITCH RESETTABLE DEVICES Strap Battery Devices
2016
More results

Similar Description - MXP3003

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
G8522 HAMAMATSU-G8522 Datasheet
103Kb / 2P
GaAs PIN photodiode
G8921-01 HAMAMATSU-G8921-01 Datasheet
115Kb / 2P
GaAs PIN photodiode array
logo
Microsemi Corporation
MXP4000 MICROSEMI-MXP4000 Datasheet
172Kb / 1P
InGaAs/InP PIN Photodiode Chips
logo
Optoway Technology Inc
PD-8500 OPTOWAY-PD-8500 Datasheet
76Kb / 2P
GaAs PIN PD MODULES GaAs PIN PHOTODIODE WITH RECEPTACLE
logo
Hamamatsu Corporation
G8921-01 HAMAMATSU-G8921-01_04 Datasheet
124Kb / 2P
GaAs PIN photodiode array
G9287-14 HAMAMATSU-G9287-14 Datasheet
235Kb / 2P
GaAs PIN photodiode with preamp
G9842 HAMAMATSU-G9842 Datasheet
88Kb / 2P
GaAs PIN photodiode with preamp
G9843 HAMAMATSU-G9843 Datasheet
94Kb / 2P
GaAs PIN photodiode with preamp
G10447-51 HAMAMATSU-G10447-51 Datasheet
128Kb / 2P
GaAs PIN photodiode with preamp
logo
M/A-COM Technology Solu...
MA4GP022-277 MA-COM-MA4GP022-277 Datasheet
338Kb / 6P
GaAs PIN Diode Chips
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com