Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P3MXP1039 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # P3MXP1039
Description  Visible Enhanced Photo Detectors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

P3MXP1039 Datasheet(HTML) 2 Page - Microsemi Corporation

  P3MXP1039 Datasheet HTML 1Page - Microsemi Corporation P3MXP1039 Datasheet HTML 2Page - Microsemi Corporation P3MXP1039 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Microsemi
Santa Ana Division
2830 S. Fairview Street, CA. 92704, 714-979-8220, Fax: 714-557-5989
Page 2
Copyright
 2000
MSC0896.PDF 2000-11-21
P3MXP1039 PC/PV
Visible Enhanced Photo Detectors
PRODUCT PREVIEW
SAN T A ANA DIV I S I ON
Electrical Characteristics @ 25
Electrical Characteristics @ 25
Electrical Characteristics @ 25
Electrical Characteristics @ 25°°°°C
C
C
C
Active Area
R
650nm
CJ
0V / 1kHz
RSH
+/- 10 mV
NEP
0v650nm/1kHz
TR
0V/650nm
50Ohm Load
PV
DEVICE #
mm
2
Dia
Inch
A/W
pF
MOhms
W/(Hz)½
ns
P3MXP1039 PV-V
1.0
0.044
0.35
150
5,000
5 X 10-
15
20
Electrical Characteristics @ 25
Electrical Characteristics @ 25
Electrical Characteristics @ 25
Electrical Characteristics @ 25°°°°C
C
C
C
Active Area
R
A / W
ID
nA
VB
10µA
V
CJ
1kHz
pF
NEP
0V
650nm
1kHz
TR
650nm
50Ohm
Load
ns
PC
DEVICE #
mm
2
Dia
Inch
650mm
PEAK
0.01V
-1.0V
-10V
min
0V
-1V
-10V
W/(Hz)½
0
V
-10V
P3MXP1039 PC-V
1.0
0.044
0.4
0.55
0.01
0.10
2.0
50
25
20
10
5 X 10-15
5
2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com