Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT23-601C Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HT23-601C
Description  NEMA 23 Step Motor with 10 Foot Shielded Cable
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HT23-601C Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HT23-601C Datasheet HTML 1Page - List of Unclassifed Manufacturers HT23-601C Datasheet HTML 2Page - List of Unclassifed Manufacturers HT23-601C Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product Datasheet
www.Applied-Motion.com
HT23-601C
NEMA 23 Step Motor with 10 Foot Shielded Cable
1pc. - 128.00
50pc. - 96.00
Product Features
2-phase hybrid step motor
High torque design
Standard NEMA 23 dimensions
Optimized for 24 – 48 VDC bus voltage
Please call for pricing regarding encoder and
encoder with cover options
Applied Motion Products, Inc.
404 Westridge Dr.
Watsonville, CA 95076, USA
1-800-525-1609
Tel (831) 761-6555
Fax (831) 761-
6544
Product Description:
The HT23-601C two-phase stepper motor is designed for use with the ST5 and STR4 stepper drives and is
suitable for a wide range of motion control applications. The motor is optimized for use with DC powered drives
and comes with an integral 10 ft shielded cable.
Single and double shaft versions are available. The HT23-601DC-ZAC includes an optical encoder with 10 foot
cable and rugger metal cover.
The motor is terminated with 8 motor leads plus a ground lead.
Description


Similar Part No. - HT23-601C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HT23-601 ETC2-HT23-601 Datasheet
111Kb / 3P
NEMA 23 High Torque Step Motor
More results

Similar Description - HT23-601C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HT23-593 ETC2-HT23-593 Datasheet
81Kb / 3P
NEMA 23 High Torque Step Motor
HT23-598C ETC2-HT23-598C Datasheet
160Kb / 3P
NEMA 23 Step Motor with 10 Foot Shielded Cable
HT34-506C ETC2-HT34-506C Datasheet
152Kb / 3P
NEMA 34 Step Motor with 10 Foot Shielded Cable
4023-820 ETC2-4023-820 Datasheet
177Kb / 3P
NEMA 23 Step Motor
4023-998 ETC2-4023-998 Datasheet
72Kb / 3P
NEMA 23 Step Motor
5023-019 ETC2-5023-019 Datasheet
72Kb / 3P
NEMA 23 Step Motor
5023-122 ETC2-5023-122 Datasheet
74Kb / 3P
NEMA 23 Step Motor
5023-124 ETC2-5023-124 Datasheet
75Kb / 3P
NEMA 23 Step Motor
5023-499 ETC2-5023-499 Datasheet
72Kb / 3P
NEMA 23 Step Motor
HT23-397 ETC2-HT23-397 Datasheet
83Kb / 3P
NEMA 23 High Torque Step Motor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com