Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT34-489 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HT34-489
Description  NEMA 34 High Torque Step Motor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HT34-489 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HT34-489 Datasheet HTML 1Page - List of Unclassifed Manufacturers HT34-489 Datasheet HTML 2Page - List of Unclassifed Manufacturers HT34-489 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product Datasheet
www.Applied-Motion.com
HT34-489
NEMA 34 High Torque Step Motor
1pc. - 423.00
50pc. - 317.25
Product Features
2-phase hybrid step motor
High torque design
Standard NEMA 34 dimensions
Optimized for high bus voltage operation
Applied Motion Products, Inc.
404 Westridge Dr.
Watsonville, CA 95076, USA
1-800-525-1609
Tel (831) 761-6555
Fax (831) 761-
6544
Product Description:
The HT34-489 two-phase stepper motor is designed for use with the STAC6 series of stepper drives (120 VAC
input versions only) and is suitable for a wide range of motion control applications. The motor comes with an
integral 10 ft shielded cable and a preassembled drive connector for easy connection to a STAC6 drive.
When not used with STAC6 drives, the preassembled drive connector can be removed to reveal 8 motor leads
plus 1 ground lead. The 8 motor leads can be connected in one of three ways to the step motor drive of your
choice: bipolar series (required for STAC6 drives), bipolar parallel, or unipolar.
Note: The HT34-489 step motor has been superseded by theHT34-496 step motor for use in all new applications
with STAC6 stepper drives.
Description


Similar Part No. - HT34-489

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HT34-485 ETC2-HT34-485 Datasheet
89Kb / 3P
NEMA 34 High Torque Step Motor
HT34-486 ETC2-HT34-486 Datasheet
81Kb / 3P
NEMA 34 High Torque Step Motor
HT34-487 ETC2-HT34-487 Datasheet
115Kb / 3P
NEMA 34 High Torque Step Motor
HT34-488 ETC2-HT34-488 Datasheet
132Kb / 3P
NEMA 34 High Torque Step Motor
More results

Similar Description - HT34-489

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HT34-485 ETC2-HT34-485 Datasheet
89Kb / 3P
NEMA 34 High Torque Step Motor
HT34-486 ETC2-HT34-486 Datasheet
81Kb / 3P
NEMA 34 High Torque Step Motor
HT34-487 ETC2-HT34-487 Datasheet
115Kb / 3P
NEMA 34 High Torque Step Motor
HT34-488 ETC2-HT34-488 Datasheet
132Kb / 3P
NEMA 34 High Torque Step Motor
HT34-490 ETC2-HT34-490 Datasheet
116Kb / 3P
NEMA 34 High Torque Step Motor
HT34-495 ETC2-HT34-495 Datasheet
91Kb / 3P
NEMA 34 High Torque Step Motor
HT34-496 ETC2-HT34-496 Datasheet
84Kb / 3P
NEMA 34 High Torque Step Motor
HT34-497 ETC2-HT34-497 Datasheet
84Kb / 3P
NEMA 34 High Torque Step Motor
HT34-504 ETC2-HT34-504 Datasheet
117Kb / 3P
NEMA 34 High Torque Step Motor
HT34-505 ETC2-HT34-505 Datasheet
120Kb / 3P
NEMA 34 High Torque Step Motor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com