Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT34-497 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HT34-497
Description  NEMA 34 High Torque Step Motor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HT34-497 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HT34-497 Datasheet HTML 1Page - List of Unclassifed Manufacturers HT34-497 Datasheet HTML 2Page - List of Unclassifed Manufacturers HT34-497 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product Datasheet
www.Applied-Motion.com
HT34-497
NEMA 34 High Torque Step Motor
1pc. - 518.00
50pc. - 388.50
Product Features
2-phase hybrid step motor
High torque design
Standard NEMA 34 dimensions
Optimized for high bus voltage operation
Applied Motion Products, Inc.
404 Westridge Dr.
Watsonville, CA 95076, USA
1-800-525-1609
Tel (831) 761-6555
Fax (831) 761-
6544
Product Description:
The HT34-497 two-phase stepper motor is designed for use with the STAC5 and STAC6 series of stepper drives
and is suitable for a wide range of motion control applications. The motor is optimized for use with high bus-
voltage drives and comes with an integral 10 ft shielded cable.
The motor is terminated with 8 motor leads plus 1 ground lead making it easy to connect the motor to the drive
depending on the drive voltage being used. For 120 VAC applications the motor leads must be connected in
parallel. For 220 VAC applications the motor leads must be connected in series.
Note: The HT34-497 step motor supersedes the HT34-490 step motor in 120 VAC applications with the STAC6
stepper drives.
Please note that a VL series gearhead purchased for this motor will require a special mounting adaptor and 2
weeks lead time. Please contact customer service for the price of this adaptor.
Description


Similar Part No. - HT34-497

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HT34-490 ETC2-HT34-490 Datasheet
116Kb / 3P
NEMA 34 High Torque Step Motor
HT34-495 ETC2-HT34-495 Datasheet
91Kb / 3P
NEMA 34 High Torque Step Motor
HT34-496 ETC2-HT34-496 Datasheet
84Kb / 3P
NEMA 34 High Torque Step Motor
More results

Similar Description - HT34-497

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HT34-485 ETC2-HT34-485 Datasheet
89Kb / 3P
NEMA 34 High Torque Step Motor
HT34-486 ETC2-HT34-486 Datasheet
81Kb / 3P
NEMA 34 High Torque Step Motor
HT34-487 ETC2-HT34-487 Datasheet
115Kb / 3P
NEMA 34 High Torque Step Motor
HT34-488 ETC2-HT34-488 Datasheet
132Kb / 3P
NEMA 34 High Torque Step Motor
HT34-489 ETC2-HT34-489 Datasheet
116Kb / 3P
NEMA 34 High Torque Step Motor
HT34-490 ETC2-HT34-490 Datasheet
116Kb / 3P
NEMA 34 High Torque Step Motor
HT34-495 ETC2-HT34-495 Datasheet
91Kb / 3P
NEMA 34 High Torque Step Motor
HT34-496 ETC2-HT34-496 Datasheet
84Kb / 3P
NEMA 34 High Torque Step Motor
HT34-504 ETC2-HT34-504 Datasheet
117Kb / 3P
NEMA 34 High Torque Step Motor
HT34-505 ETC2-HT34-505 Datasheet
120Kb / 3P
NEMA 34 High Torque Step Motor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com