Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCHBW75 Datasheet(PDF) 7 Page - Wall Industries,Inc.

Part # DCHBW75
Description  4 - 1 Ultra Wide Input Voltage Ranges Up to 76.8 Watts, Single Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCHBW75 Datasheet(HTML) 7 Page - Wall Industries,Inc.

  DCHBW75 Datasheet HTML 1Page - Wall Industries,Inc. DCHBW75 Datasheet HTML 2Page - Wall Industries,Inc. DCHBW75 Datasheet HTML 3Page - Wall Industries,Inc. DCHBW75 Datasheet HTML 4Page - Wall Industries,Inc. DCHBW75 Datasheet HTML 5Page - Wall Industries,Inc. DCHBW75 Datasheet HTML 6Page - Wall Industries,Inc. DCHBW75 Datasheet HTML 7Page - Wall Industries,Inc. DCHBW75 Datasheet HTML 8Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Rev. E
DCHBW75 Series
4:1 Input Voltage Ranges
Up to 76.8 Watts, Single Outputs
Half-Brick DC/DC Power Converters
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
05/21/2013
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 7 of 8
HEATSINK OPTIONS
Vertical Fin Orientation (Suffixes “H”, “H2”)
Horizontal Fin Orientation (Suffixes “H1”, “H3”)
2.28 (57.9)
Unit: inches (mm)
Heatsink Options
H = 0.24 inches (“H2” suffix)
H = 0.45 inches (“H” suffix)
H
2.28 (57.9)
Unit: inches (mm)
Heatsink Options
H = 0.24 inches (“H1” suffix)
H = 0.45 inches (“H3” suffix)
TERMINAL BLOCK OPTIONS
Wall Mounted without EMC Filter (Suffix “T”)
Wall Mounted with EMC Filter (Suffix “TF”)
Terminal Block Type
T
TF
Weight
7.05oz (200g)
8.47oz (240g)
Dimensions
3.35 x 2.40 x 1.10 inches (85.0 x 61.0 x 28.0 mm)
3.35 x 2.40 x 1.27 inches (85.0 x 61.0 x 32.3 mm)
Thru-Hole Inserts (WxL)
2.126 x 3.071 inches (54.00 x 78.00 mm)
2.126 x 3.071 inches (54.00 x 78.00 mm)
NOTES
1. Terminal block models have 0.200” pin lengths. 0.145” pin lengths are not available for terminal block models.
2. Models with EMC filter (suffix “TF”) meet EN55011, EN55022 Class A.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com