Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F-377P Datasheet(PDF) 1 Page - TRIAD MAGNETICS

Part # F-377P
Description  Chassis Mount: Single Secondary
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIAD [TRIAD MAGNETICS]
Direct Link  http://www.triadmagnetics.com
Logo TRIAD - TRIAD MAGNETICS

F-377P Datasheet(HTML) 1 Page - TRIAD MAGNETICS

  F-377P_13 Datasheet HTML 1Page - TRIAD MAGNETICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
P O W E R T R A N S F O R M E R
PC Mount: Dual Primary
Web: www.TriadMagnetics.com
Phone 951-277-0757
Fax 951-277-2757
460 Harley Knox Blvd.
Perris, California
92571
Publish Date: December 4, 2013
1
2
3
4
5
6
7
8
C
A
1
2
3 4
B
D
D
D
E
1
2
3
4
5
6
7
8
F-377P
Electrical Specifications (@25C)
1. Maximum Power: 24.0 VA
2. Primary:
Series:230V@50/60 Hz
Parallel: 115V@50/60Hz
3. Secondary:
Series:
40.0V CT @ 0.60 Amps
Parallel: 20.0V CT @ 1.20 Amps
Description:
The F-377P is part of a wide selection of plug-in types that meet the needs of PC
boards and solid state power supply design. This transformer can satisfy power as
well as control and instrumentation applications.
Construction:
Wound on a single channel nylon bobbin. Materials are UL recognized, Class B
(130º C) rated.
Safety:
These products are 100% hipot tested with an insulation of 1500V between
primary and secondary windings.
Dimensions:
Units: In inches
A
B
C
D
E
1.375
1.625
2.250
0.250
2.109
Pin length:
0.187 in.
Pin size: 0.20 x .041 in.
Weight:
13.3 oz
Schematic:
Primary:
Series - 1 to 4, Jumper 2 to 3
Parallel - 1 to 4, Jumper 1 to 3 and 2 to 4
Secondary:
Series - 5 to 8, Jumper 6 to 7
Parallel - 5 to 8, Jumper 5 to 7 and 6 to 8
RoHS Compliance: As of manufacturing date February 2005, all standard products meet
the requirements of 2011/65/EU, known as the RoHS initiative.
* Upon printing, this document is co
nsidered “uncontrolled”. Please contact Triad
Magnetics’ website for the most current version.


Similar Part No. - F-377P_13

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
F-377P TRIAD-F-377P Datasheet
172Kb / 3P
POWER TRANSFORMER PC Mount Dual Primary
More results

Similar Description - F-377P_13

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
F-6X TRIAD-F-6X_13 Datasheet
49Kb / 1P
Chassis Mount: Single Secondary
F-14X TRIAD-F-14X_13 Datasheet
52Kb / 1P
Chassis Mount: Single Secondary
F-46X TRIAD-F-46X_13 Datasheet
114Kb / 1P
Chassis Mount: Single Secondary
F-56X TRIAD-F-56X_13 Datasheet
116Kb / 1P
Chassis Mount: Single Secondary
F-69X TRIAD-F-69X_13 Datasheet
41Kb / 1P
Chassis Mount: Single Secondary
F-70X TRIAD-F-70X_13 Datasheet
115Kb / 1P
Chassis Mount: Single Secondary
F-96U TRIAD-F-96U_13 Datasheet
42Kb / 1P
Chassis Mount: Single Secondary
F-112X TRIAD-F-112X_13 Datasheet
41Kb / 1P
Chassis Mount: Single Secondary
F-115X TRIAD-F-115X_13 Datasheet
42Kb / 1P
Chassis Mount: Single Secondary
F-119X TRIAD-F-119X_13 Datasheet
42Kb / 1P
Chassis Mount: Single Secondary
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com