Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5002LFS Datasheet(PDF) 3 Page - Nippon Precision Circuits Inc

Part # SM5002LFS
Description  Crystal Oscillator Module ICs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5002LFS Datasheet(HTML) 3 Page - Nippon Precision Circuits Inc

  SM5002LFS Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5002LFS Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5002LFS Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5002LFS Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5002LFS Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5002LFS Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5002LFS Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5002LFS Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5002LFS Datasheet HTML 9Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
SM5002L series
NIPPON PRECISION CIRCUITS—3
PAD LAYOUT
(Unit :
µm)
PINOUT
(Top View)
PIN DESCRIPTION and PAD DIMENSIONS
BLOCK DIAGRAM
Chip size: 0.92
× 1.31 mm
Chip thickness: 400 ± 30 µm
Chip base: VDD level
Q
VDD
XT
VSS
(0,0)
(920,1310)
X
Y
INH
XT
1
XT
VSS
Q
VDD
4
2
3
NC
NC
8
7
6
5
XT
INH
Number
Name
I/O
Description
Pad dimensions [µm]
XY
1
INH
I
Output state control input. Oscillator stopped when LOW. Power-saving pull-up
resistor built in
195
188
2
XT
I
Amplifier input.
Crystal oscillator connection pins.
Crystal oscillator connected between XT and XT
385
188
3XT
O
Amplifier output.
575
188
4
VSS
–
Ground
766
188
5
Q
O
Output. Output frequency. High impedance at standby operation
765
1159
6
NC
–
No connection
–
–
7
NC
–
No connection
–
–
8
VDD
–
Supply voltage
162
1159
XT
VSS
VDD
Q
CG
CD
Rf 1
XT
INH
Rf 2
Cf
RUP1/RUP2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com