Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSMP15 Datasheet(PDF) 4 Page - Wall Industries,Inc.

Part # PSMP15
Description  85 - 264VAC (125 - 373VDC) Input Voltage Range
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSMP15 Datasheet(HTML) 4 Page - Wall Industries,Inc.

  PSMP15 Datasheet HTML 1Page - Wall Industries,Inc. PSMP15 Datasheet HTML 2Page - Wall Industries,Inc. PSMP15 Datasheet HTML 3Page - Wall Industries,Inc. PSMP15 Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Rev. A
PSMP15 Series
15 Watts, Open Frame
Single Outputs, Isolation Class II
Medical AC/DC Switching Power Supplies
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
11/30/2011
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 4 of 4
MECHANICAL DRAWING
C2
DC OUTPUT
-V
+V
AC/L
AC/N
AC INPUT
Unit: inches (mm)
0.07 (1.8)
0.041 (1.05)
0.177 (4.5)
0.138 (3.5)
0.157 (4)
2.441 (62)
2.75 (69.85)
COMPANY INFORMATION
Wall Industries, Inc. has created custom and modified units for over 50 years. Our in-house research and development engineers
will provide a solution that exceeds your performance requirements on-time and on budget. Our ISO9001-2008 certification is just
one example of our commitment to producing a high quality, well-documented product for our customers.
Our past projects demonstrate our commitment to you, our customer. Wall Industries, Inc. has a reputation for working closely with
its customers to ensure each solution meets or exceeds form, fit and function requirements. We will continue to provide ongoing
support for your project above and beyond the design and production phases. Give us a call today to discuss your future projects.
Contact Wall Industries for further information:
Phone:
(603)778-2300
Toll Free:
(888)597-9255
Fax:
(603)778-9797
E-mail:
sales@wallindustries.com
Web:
www.wallindustries.com
Address:
5 Watson Brook Rd.
Exeter, NH 03833



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com