Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSMP20 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # PSMP20
Description  85 - 264VAC (125 - 373VDC) Input Voltage Range
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSMP20 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  PSMP20 Datasheet HTML 1Page - Wall Industries,Inc. PSMP20 Datasheet HTML 2Page - Wall Industries,Inc. PSMP20 Datasheet HTML 3Page - Wall Industries,Inc. PSMP20 Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rev. A
PSMP20 Series
20 Watts, Open Frame
Single Outputs, Isolation Class II
Medical AC/DC Switching Power Supplies
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
12/02/2011
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 2 of 4
SPECIFICATIONS: PSMP20 Series
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Nom
Max
Unit
INPUT SPECIFICATIONS
AC Input Voltage Range
85
264
VAC
Input Voltage Range
DC Input Voltage Range
125
373
VDC
Input Frequency
47
63
Hz
Low Line
Full Load, Vin = 115VAC
0.6
Input Current
High Line
Full Load, Vin = 230VAC
0.4
A
Low Line
Cold Start, Vin = 115VAC
30
Inrush Current
High Line
Cold Start, Vin = 230VAC
65
A
No Load Power Consumption
0.5
W
OUTPUT SPECIFICATIONS
Output Voltage
See Table
5VDC output model
-2
+2
Voltage Tolerance
12V, 15V, & 24VDC output models
-1
+1
%
Voltage Adjustment Range
-10
+10
%
5VDC output model
-1
+1
Load Regulation
12V, 15V, & 24VDC output models
0% to 100% rated load
-0.5
+0.5
%
Line Regulation
Low Line to High Line at rated load
-0.5
+0.5
%
Output Power
0
20
W
Output Current
See Table
Ripple & Noise (See Note 1)
See Table
Low Line
Full Load, Vin = 115VAC
18
Hold-Up Time
High Line
Full Load, Vin = 230VAC
60
ms
Setup Time (See Note 3)
Full Load, Vin = 115/230VAC
1000
ms
Low Line
Full Load, Vin = 115VAC
25
Rise Time
High Line
Full Load, Vin = 230VAC
35
ms
Temperature Coefficient
0~50°C
-0.03
+0.03
%/°C
PROTECTION
Over Voltage Protection
Latch-off mode
115
150
%
Over Load Protection
Hiccup mode, recovers automatically after fault condition is removed
110
%
Short Circuit
yes
Brown-out (Low AC Input Voltage)
yes
GENERAL SPECIFICATIONS
Efficiency
Vin = 230VAC
See Table
Withstand Voltage
Input to output
4000
VAC
Isolation Resistance
500VDC
100
MΩ
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature
With derating (see derating curve)
-20
+70
°C
Storage Temperature
-40
+85
°C
Operating Humidity
Non-condensing
20
90
% RH
Storage Humidity
10
95
% RH
Vibration
10~500Hz, 2G 10min/1cycle, period for 60 min each along X, Y, and Z axes
Cooling
Free air convection
MTBF
MIL-HDBK-217F
188,300 hours
PHYSICAL SPECIFICATIONS
Weight
Approximately 2.68oz (76g)
Dimensions (L x W x H)
3.5 x 2.0 x 0.76 inches
(88.9 x 50.8 x 19.3 mm)
Warranty
3 years
SAFETY & EMC
Safety Approvals
UL60601-1, TUV EN60601-1, and IEC60601-1
EMI Conduction & Radiation
EN55011: 2007+A2: 2007 Class B
Harmonic Current
EN61000-3-2: 2006 Class A, EN61000-3-3: 1995+A1: 2001+A2: 2005
EMS Immunity
EN60601-1-2: 2001+A1: 2006, IEC61000-4-2,3,4,5,6,8,11 light industry level, criteria A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com