Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WMEM1024Ax Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # WMEM1024Ax
Description  16 - 36 Watts Medical AC - DC Wall Mount Power Supplies
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

WMEM1024Ax Datasheet(HTML) 1 Page - Wall Industries,Inc.

  WMEM1024Ax Datasheet HTML 1Page - Wall Industries,Inc. WMEM1024Ax Datasheet HTML 2Page - Wall Industries,Inc. WMEM1024Ax Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Rev B
WMEM1024 SERIES
16~36 Watts
Medical AC/DC Wall Mount Power Supplies
09/24/2014
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-
9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 1 of 3
United States (“U” Suffix)
United Kingdom (“K” Suffix)
Europe (“E” Suffix)
Australia (“A” Suffix)
Size: 2.98 x 1.69 x 1.19 inches
Size: 2.98 x 1.69 x 1.19 inches
Size: 2.98 x 1.69 x 1.19 inches
Size: 2.98 x 1.69 x 1.19 inches
FEATURES
• RoHS & WEEE Compliant
• 90-264VAC Input Voltage Range
• 16~36 Watts Output Power
• Over Voltage & Short Circuit
Protection
• 0 to +40°C Operating Temperature Range
• Single Outputs Ranging from 5VDC to 48VDC
• Several Output Connector Options Available
• CEC Level V, VI Compliant
• CB, CE, FCC Approvals
• UL/cUL 60601-1: 3rd Edition & TUV/SUD
EN/IEC 60601-1: 3rd Edition Medical
Approvals
• United States, United Kingdom, Europe, and
Australia Plug Types Available
DESCRIPTION
The WMEM1024 series of AC/DC wall mount power supplies provides up to 36 watts of output power in a 2.98” x 1.69” x 1.19” package.
This series consists of single output models ranging from 5VDC to 48VDC with an input voltage range of 90~264VAC. This series is RoHS
and WEEE compliant and meets CEC Level V, VI requirements. This series also has UL/cUL 60601-1 and TUV/SUD EN/IEC 60601-1: 3rd
edition medical approvals. These supplies are protected against over voltage and short circuit conditions. Models are available in United
States (U suffix), United Kingdom (K suffix), Europe (E suffix), and Australia (A suffix) types.
MODEL SELECTION TABLE
Model Number
(1)
Input Voltage Range
Output Voltage (2)
Output Current
Load
Regulation
Line
Regulation
Ripple & Noise (3)
Output
Power
Min
Max
WMEM1024Ax
100 ~ 240 VAC
5 ~ 8 VDC
0A
2.0A
±5%
±1%
100mVp-p
16W
WMEM1024Bx
5 ~ 8 VDC
0A
3.0A
±5%
±1%
100mVp-p
20W
WMEM1024Cx
5 ~ 8 VDC
0A
4.0A
±5%
±1%
100mVp-p
24W
WMEM1024Dx
9 ~ 11 VDC
0A
1.5A
±5%
±1%
250mVp-p
18W
WMEM1024Ex
9 ~ 11 VDC
0A
2.0A
±5%
±1%
250mVp-p
24W
WMEM1024Fx
9 ~ 11 VDC
0A
3.0A
±5%
±1%
250mVp-p
27W
WMEM1024Gx
12 ~ 17 VDC
0A
1.66A
±5%
±1%
250mVp-p
20W
WMEM1024Hx
12 ~ 17 VDC
0A
2.5A
±5%
±1%
250mVp-p
30W
WMEM1024Jx
18 ~ 24 VDC
0A
1.33A
±5%
±1%
350mVp-p
24W
WMEM1024Kx
18 ~ 24 VDC
0A
1.66A
±5%
±1%
350mVp-p
30W
WMEM1024Mx
36 ~ 48 VDC
0A
0.55A
±5%
±1%
480mVp-p
20W
WMEM1024Nx
36 ~ 48 VDC
0A
0.83A
±5%
±1%
480mVp-p
30W
WMEM1024Px
12 VDC
0A
3.0A
±5%
±1%
250mVp-p
36W
WMEM1024Qx
12 VDC
0A
2.0A
±5%
±1%
250mVp-p
24W
WMEM1024Rx
24 VDC
0A
1.5A
±5%
±1%
350mVp-p
36W
NOTES
1. The “x” in the model number represents the type of plug: “x” can be “U” for United States type, “K” for United Kingdom type, “E” for
Europe type, or “A” for Australia type.
2. The output voltage is specified as a range (Ex: 36~48 VDC); the customer must specify what they want the voltage set at.
3. Ripple and Noise is measured at nominal line and full load with 20MHz bandwidth and a 0.1µF ceramic capacitor and 47µF aluminum
capacitors in parallel across the output.
4. Optional output connectors are available. Please call factory for ordering details.


Similar Part No. - WMEM1024Ax

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
WMEM1005 WALL-WMEM1005 Datasheet
217Kb / 4P
RoHS Compliance
WMEM1005AHES WALL-WMEM1005AHES Datasheet
217Kb / 4P
RoHS Compliance
WMEM1005AHEU WALL-WMEM1005AHEU Datasheet
217Kb / 4P
RoHS Compliance
WMEM1005AHEx WALL-WMEM1005AHEx Datasheet
217Kb / 4P
RoHS Compliance
WMEM1005AHKS WALL-WMEM1005AHKS Datasheet
217Kb / 4P
RoHS Compliance
More results

Similar Description - WMEM1024Ax

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
WN10A-050 POWER-SYSTEMS-WN10A-050 Datasheet
102Kb / 1P
AC-DC Power Supplies 10 WATTS WALL MOUNT AC ADAPTER
WN10B-050 POWER-SYSTEMS-WN10B-050 Datasheet
107Kb / 1P
AC-DC Power Supplies 10 WATTS WALL MOUNT AC ADAPTER
WRG20F-050B POWER-SYSTEMS-WRG20F-050B Datasheet
51Kb / 1P
AC-DC Power Supplies 20 WATTS WALL MOUNT TOP AC ADAPTER
logo
Wall Industries,Inc.
DTEM1024 WALL-DTEM1024 Datasheet
189Kb / 3P
16 - 36 Watts Medical AC - DC Desktop Power Supplies
WMIHPU15 WALL-WMIHPU15 Datasheet
531Kb / 4P
Up to 15 Watts, Medical AC - DC Wall Mount Power Supplies
WMIHPU25 WALL-WMIHPU25 Datasheet
558Kb / 4P
Up to 25 Watts, Medical AC - DC Wall Mount Power Supplies
WMIPEM1024 WALL-WMIPEM1024 Datasheet
261Kb / 3P
16 - 36 Watts, Medical AC - DC Wall Mount Power
WMAPU10 WALL-WMAPU10 Datasheet
282Kb / 4P
8~10 Watts AC/DC Wall Mount Power Supplies
WMSAW6 WALL-WMSAW6 Datasheet
875Kb / 5P
2.5~6 Watts AC/DC Wall Mount Power Supplies
WMSAW6USB WALL-WMSAW6USB Datasheet
1Mb / 5P
2.5~6 Watts AC/DC Wall Mount Power Supplies
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com