Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WMIPEM1024Gx Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # WMIPEM1024Gx
Description  16 - 36 Watts, Medical AC - DC Wall Mount Power
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

WMIPEM1024Gx Datasheet(HTML) 3 Page - Wall Industries,Inc.

  WMIPEM1024Gx Datasheet HTML 1Page - Wall Industries,Inc. WMIPEM1024Gx Datasheet HTML 2Page - Wall Industries,Inc. WMIPEM1024Gx Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Rev A
WMIPEM1024 SERIES
16~36 Watts, Medical AC/DC Wall Mount Power
Supplies
10/02/2014
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-
9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 3 of 3
NOTES
1. The “x” in the model number represents the type of AC plug: “x” can be “U” for United States type, “C” for China type, “K” for United
Kingdom type, “E” for Europe type, “A” for Australia type, or “S” for South Africa type.
2. The output voltage is specified as a range (Ex: 36~48 VDC); the customer must specify what they want the voltage set at.
3. Ripple and Noise is measured at nominal line and full load with 20MHz bandwidth and a 0.1µF ceramic capacitor and 47µF aluminum
capacitors in parallel across the output.
4. Optional output connectors are available. Please call factory for ordering details.
MECHANICAL DRAWING
COMPANY
INFORMATION
Wall Industries, Inc. has created custom and modified units for over 50 years. Our in-house research and development engineers will
provide a solution that exceeds your performance requirements on-time and on budget. Our ISO9001-2008 certification is just one example
of our commitment to producing a high quality, well-documented product for our customers.
Our past projects demonstrate our commitment to you, our customer. Wall Industries, Inc. has a reputation for working closely with its
customers to ensure each solution meets or exceeds form, fit and function requirements. We will continue to provide ongoing support for
your project above and beyond the design and production phases. Give us a call today to discuss your future projects.
Contact Wall Industries for further information:
Phone:
(603)778-2300
Toll Free:
(888)597-9255
Fax:
(603)778-9797
E-mail:
sales@wallindustries.com
Web:
www.wallindustries.com
Address:
37 Industrial Drive
Exeter, NH 03833



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com