Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WMIPEM1024Jx Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # WMIPEM1024Jx
Description  16 - 36 Watts, Medical AC - DC Wall Mount Power
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

WMIPEM1024Jx Datasheet(HTML) 1 Page - Wall Industries,Inc.

  WMIPEM1024Jx Datasheet HTML 1Page - Wall Industries,Inc. WMIPEM1024Jx Datasheet HTML 2Page - Wall Industries,Inc. WMIPEM1024Jx Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Rev A
WMIPEM1024 SERIES
16~36 Watts, Medical AC/DC Wall Mount Power
Supplies
10/02/2014
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-
9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 1 of 3
Size:
Weight:
2.90 x 1.69 x 1.28 inches
7.05oz (200g)
AC Plug Types:
• Unites States (“U” Suffix)
• China (“C” Suffix)
• South Africa (“S” Suffix)
• Europe (“E” Suffix)
• United Kingdom (“K” Suffix) • Australia (“A”
Suffix”)
FEATURES
• RoHS & WEEE Compliant
• 90-264VAC Input Voltage Range
• 16~36 Watts Output Power
• Over Voltage & Short Circuit Protection
• 0 to +40°C Operating Temperature Range
• CEC Level V, VI Compliant
• Several Output Connector Options
Available
• Single Outputs Ranging from 5VDC to
48VDC
• UL/cUL 60601-1: 3rd Edition & TUV/SUD
EN/IEC 60601-1: 3rd Edition Medical
Approvals
• United States, China, United Kingdom,
Europe, Australia, and South Africa Plug
Types Available
DESCRIPTION
The WMIPEM1024 series of medical AC/DC wall mount power supplies provides up to 36
watts of output power in a 2.90” x 1.69” x 1.28” package. This series consists of single
output models ranging from 5VDC to 48VDC with an input voltage range of 90~264VAC.
This series is RoHS and WEEE compliant and meets CEC Level V, VI requirements. This
series also has UL/cUL 60601-1 and TUV/SUD EN/IEC 60601-1: 3rd edition medical
approvals. These supplies are protected against over voltage and short circuit conditions.
Interchangeable plugs are sold separately and are available in United States (U suffix),
China (C suffix), United Kingdom (K suffix), Europe (E suffix), Australia (A suffix), and
South Africa (S suffix) types.
MODEL SELECTION TABLE
Model Number (1)
Input Voltage
Range
Output Voltage
(2)
Output Current
Load
Regulation
Line
Regulation
Ripple & Noise (3)
Output
Power
Min
Max
WMIPEM1024Ax
100 ~ 240 VAC
5 ~ 8 VDC
0A
2.0A
±5%
±1%
100mVp-p
16W
WMIPEM1024Bx
5 ~ 8 VDC
0A
3.0A
±5%
±1%
100mVp-p
20W
WMIPEM1024Cx
5 ~ 8 VDC
0A
4.0A
±5%
±1%
100mVp-p
24W
WMIPEM1024Dx
9 ~ 11 VDC
0A
1.5A
±5%
±1%
250mVp-p
18W
WMIPEM1024Ex
9 ~ 11 VDC
0A
2.0A
±5%
±1%
250mVp-p
24W
WMIPEM1024Fx
9 ~ 11 VDC
0A
3.0A
±5%
±1%
250mVp-p
27W
WMIPEM1024Gx
12 ~ 17 VDC
0A
1.66A
±5%
±1%
250mVp-p
20W
WMIPEM1024Hx
12 ~ 17 VDC
0A
2.5A
±5%
±1%
250mVp-p
30W
WMIPEM1024Jx
18 ~ 24 VDC
0A
1.33A
±5%
±1%
350mVp-p
24W
WMIPEM1024Kx
18 ~ 24 VDC
0A
1.66A
±5%
±1%
350mVp-p
30W
WMIPEM1024Mx
36 ~ 48 VDC
0A
0.55A
±5%
±1%
480mVp-p
20W
WMIPEM1024Nx
36 ~ 48 VDC
0A
0.83A
±5%
±1%
480mVp-p
30W
WMIPEM1024Px
12 VDC
0A
3.0A
±5%
±1%
250mVp-p
36W
WMIPEM1024Qx
12 VDC
0A
2.0A
±5%
±1%
250mVp-p
24W
WMIPEM1024Rx
24 VDC
0A
1.5A
±5%
±1%
350mVp-p
36W


Similar Part No. - WMIPEM1024Jx

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
WMIPEM1036 WALL-WMIPEM1036 Datasheet
117Kb / 4P
15 - 36 Watts 100-240VAC Input Voltage Range US, EU, UK, and AUS Interchangeable Plugs Available
WMIPEM1036AE WALL-WMIPEM1036AE Datasheet
117Kb / 4P
15 - 36 Watts 100-240VAC Input Voltage Range US, EU, UK, and AUS Interchangeable Plugs Available
WMIPEM1036AK WALL-WMIPEM1036AK Datasheet
117Kb / 4P
15 - 36 Watts 100-240VAC Input Voltage Range US, EU, UK, and AUS Interchangeable Plugs Available
WMIPEM1036AU WALL-WMIPEM1036AU Datasheet
117Kb / 4P
15 - 36 Watts 100-240VAC Input Voltage Range US, EU, UK, and AUS Interchangeable Plugs Available
WMIPEM1036BE WALL-WMIPEM1036BE Datasheet
117Kb / 4P
15 - 36 Watts 100-240VAC Input Voltage Range US, EU, UK, and AUS Interchangeable Plugs Available
More results

Similar Description - WMIPEM1024Jx

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
WN10A-050 POWER-SYSTEMS-WN10A-050 Datasheet
102Kb / 1P
AC-DC Power Supplies 10 WATTS WALL MOUNT AC ADAPTER
WN10B-050 POWER-SYSTEMS-WN10B-050 Datasheet
107Kb / 1P
AC-DC Power Supplies 10 WATTS WALL MOUNT AC ADAPTER
logo
Tumbler Technologies + ...
TRW30 TRUMPOWER-TRW30 Datasheet
77Kb / 1P
30 Watts AC/DC Wall Mount Power Adapters
logo
Wall Industries,Inc.
DTEM1024 WALL-DTEM1024 Datasheet
189Kb / 3P
16 - 36 Watts Medical AC - DC Desktop Power Supplies
WMEM1024 WALL-WMEM1024 Datasheet
264Kb / 3P
16 - 36 Watts Medical AC - DC Wall Mount Power Supplies
WMIHPU15 WALL-WMIHPU15 Datasheet
531Kb / 4P
Up to 15 Watts, Medical AC - DC Wall Mount Power Supplies
WMIHPU25 WALL-WMIHPU25 Datasheet
558Kb / 4P
Up to 25 Watts, Medical AC - DC Wall Mount Power Supplies
logo
Delta Electronics, Inc.
MDS-005AAS05-B DELTA-MDS-005AAS05-B Datasheet
848Kb / 10P
MDS Medical AC-DC Wall Mount Adapter
logo
Wall Industries,Inc.
WMAPU10 WALL-WMAPU10 Datasheet
282Kb / 4P
8~10 Watts AC/DC Wall Mount Power Supplies
WMSAW6 WALL-WMSAW6 Datasheet
875Kb / 5P
2.5~6 Watts AC/DC Wall Mount Power Supplies
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com