Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WMIPEM1036CE Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # WMIPEM1036CE
Description  15 - 36 Watts 100-240VAC Input Voltage Range US, EU, UK, and AUS Interchangeable Plugs Available
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

WMIPEM1036CE Datasheet(HTML) 3 Page - Wall Industries,Inc.

  WMIPEM1036CE Datasheet HTML 1Page - Wall Industries,Inc. WMIPEM1036CE Datasheet HTML 2Page - Wall Industries,Inc. WMIPEM1036CE Datasheet HTML 3Page - Wall Industries,Inc. WMIPEM1036CE Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Rev. A
WMIPEM1036 Series
15~36 Watts, Single Outputs
US, UK, EU, & AUS Interchangeable Plugs
Medical AC/DC Wall Mount Power Supplies
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
05/02/2012
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 3 of 4
MODEL SELECTION TABLE
Model Number
Input Voltage Range
Output Voltage
(1)
Output
Current
Output
Power
Ripple & Noise
AC Plug
WMIPEM1036AU
9 ~ 15 VDC
3A
36W
240mVp-p
US
WMIPEM1036BU
9 ~ 15 VDC
2.5A
30W
240mVp-p
US
WMIPEM1036CU
9 ~ 15 VDC
2A
24W
240mVp-p
US
WMIPEM1036DU
9 ~ 15 VDC
1.5A
18W
240mVp-p
US
WMIPEM1036EU
100~240 VAC
9 ~ 15 VDC
1A
15W
240mVp-p
US
WMIPEM1036AE
9 ~ 15 VDC
3A
36W
240mVp-p
EU
WMIPEM1036BE
9 ~ 15 VDC
2.5A
30W
240mVp-p
EU
WMIPEM1036CE
9 ~ 15 VDC
2A
24W
240mVp-p
EU
WMIPEM1036DE
9 ~ 15 VDC
1.5A
18W
240mVp-p
EU
WMIPEM1036EE
100~240 VAC
9 ~ 15 VDC
1A
15W
240mVp-p
EU
WMIPEM1036AK
9 ~ 15 VDC
3A
36W
240mVp-p
UK
WMIPEM1036BK
9 ~ 15 VDC
2.5A
30W
240mVp-p
UK
WMIPEM1036CK
9 ~ 15 VDC
2A
24W
240mVp-p
UK
WMIPEM1036DK
9 ~ 15 VDC
1.5A
18W
240mVp-p
UK
WMIPEM1036EK
100~240 VAC
9 ~ 15 VDC
1A
15W
240mVp-p
UK
WMIPEM1036AA
9 ~ 15 VDC
3A
36W
240mVp-p
AUS
WMIPEM1036BA
9 ~ 15 VDC
2.5A
30W
240mVp-p
AUS
WMIPEM1036CA
9 ~ 15 VDC
2A
24W
240mVp-p
AUS
WMIPEM1036DA
9 ~ 15 VDC
1.5A
18W
240mVp-p
AUS
WMIPEM1036EA
100~240 VAC
9 ~ 15 VDC
1A
15W
240mVp-p
AUS
NOTES
1. The output voltage is specified as a range (Ex: 9~15VDC); the customer must specify what they want the voltage set at.
2. Optional output connectors are available. Please call factory for more details.
MODEL NUMBER SETUP
WMIPEM1036
X
Z
–
VV
PP
Series
Designation
Output Current
Options
A
3A
B
2.5A
C
2A
D
1.5A
E
1A
AC Plug Type
Options
U
US Type
E
EU Type
K
UK Type
A
AUS Type
Specified Output Voltage
(Ex: 12 is 12VDC)
Output Connector



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com