Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WMIPEM1024Mx Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # WMIPEM1024Mx
Description  16 - 36 Watts, Medical AC - DC Wall Mount Power
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

WMIPEM1024Mx Datasheet(HTML) 2 Page - Wall Industries,Inc.

  WMIPEM1024Mx Datasheet HTML 1Page - Wall Industries,Inc. WMIPEM1024Mx Datasheet HTML 2Page - Wall Industries,Inc. WMIPEM1024Mx Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Rev A
WMIPEM1024 SERIES
16~36 Watts, Medical AC/DC Wall Mount Power
Supplies
10/02/2014
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-
9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 2 of 3
SPECIFICATIONS: WMIPEM1024 SERIES
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
INPUT SPECIFICATIONS
Input Voltage
Rated input voltage range
100
115/230
240
VAC
Operating input voltage range
90
115/230
264
Input Frequency
47
50/60
63
Hz
Input Current
0.5
1.0
A
Inrush Current
Cold start
60
A
No load Power Consumption
115VAC/60Hz; 230VAC/50Hz
0.3
W
OUTPUT SPECIFICATIONS
Output Voltage(2)
See Table
Line Regulation
-1
+1
%
Load Regulation
-5
+5
%
Output Power
See Table
Output Current
See Table
Minimum Load
0
mA
Ripple & Noise(3)
20MHz limited bandwidth
See Table
Hold-Up Time
8.3
ms
Turn-on Time
3
s
PROTECTION
Over Voltage Protection
Automatic recovery
Short Circuit Protection
Automatic recovery
GENERAL SPECIFICATIONS
Efficiency
Meets CEC Level V, VI
Withstand Voltage
5mA, 2 sec between primary and secondary circuit
4000
VAC
Isolation Resistance
500VDC, 3 seconds between primary and secondary
50
MΩ
Leakage Current
240VAC/50Hz
100
µA
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature
0
+40
°C
Storage Temperature
-20
+85
°C
Operating Humidity
10
90
%
Storage Humidity
5
95
%
Cooling
Free air convection
MTBF
30,000
hours
PHYSICAL SPECIFICATIONS
Dimensions (L x W x H)
2.90 x 1.69 x 1.28 inch
(73.6 x 42.9 x 32.4 mm)
Weight
7.05oz (200g)
Output Connector
Contact factory for options
AC Plug Types
“U” suffix
United States
“K” suffix
United Kingdom
“E” suffix
Europe
“A” suffix
Australia
“C” suffix
China
“S” suffix
South Africa
SAFETY & COMPLIANCE
Compliance
RoHS, WEEE, and CEC Level V, VI
Safety Approvals
UL/cUL 60601-1: 3rd Edition
TUV/SUD EN/IEC 60601-1: 3rd Edition
CB, CE, FCC CCC



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com