Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV23CL Datasheet(PDF) 2 Page - ON Semiconductor

Part # BAV23CL
Description  Dual High Voltage Common Cathode Switching Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BAV23CL Datasheet(HTML) 2 Page - ON Semiconductor

  BAV23CL Datasheet HTML 1Page - ON Semiconductor BAV23CL Datasheet HTML 2Page - ON Semiconductor BAV23CL Datasheet HTML 3Page - ON Semiconductor BAV23CL Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BAV23CL, NSVBAV23CL
http://onsemi.com
2
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
SINGLE HEATED
Total Device Dissipation (Note 1) TA = 25°C
Derate above 25°C
PD
265
2.1
mW
mW/°C
Thermal Resistance, Junction−to−Ambient (Note 1)
RqJA
472
°C/W
Thermal Reference, Junction−to−Anode Lead (Note 1)
R_ψJL
263
°C/W
Thermal Reference, Junction−to−Case (Note 1)
R_ψJC
289
°C/W
Total Device Dissipation (Note 2) TA = 25°C
Derate above 25°C
PD
345
2.7
mW
mW/°C
Thermal Resistance, Junction−to−Ambient (Note 2)
RqJA
362
°C/W
Thermal Reference, Junction−to−Anode Lead (Note 2)
R_ψJL
251
°C/W
Thermal Reference, Junction−to−Case (Note 2)
R_ψJC
250
°C/W
DUAL HEATED (Note 3)
Total Device Dissipation (Note 1) TA = 25°C
Derate above 25°C
PD
390
3.1
mW
mW/°C
Thermal Resistance, Junction−to−Ambient (Note 1)
RqJA
321
°C/W
Thermal Reference, Junction−to−Anode Lead (Note 1)
R_ψJL
159
°C/W
Thermal Reference, Junction−to−Case (Note 1)
R_ψJC
138
°C/W
Total Device Dissipation (Note 2) TA = 25°C
Derate above 25°C
PD
540
4.3
mW
mW/°C
Thermal Resistance, Junction−to−Ambient (Note 2)
RqJA
231
°C/W
Thermal Reference, Junction−to−Anode Lead (Note 2)
R_ψJL
148
°C/W
Thermal Reference, Junction−to−Case (Note 2)
R_ψJC
119
°C/W
Junction and Storage Temperature Range
TJ, Tstg
−55 to +150
°C
1. FR-4 @ 100 mm2, 1 oz. copper traces, still air.
2. FR-4 @ 500 mm2, 2 oz. copper traces, still air.
3. Dual heated values assume total power is sum of two equally powered channels
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Reverse Voltage Leakage Current
(VR = 200 Vdc)
(VR = 200 Vdc, TJ = 150°C)
IR
−
−
0.1
100
mAdc
Reverse Breakdown Voltage
(IBR = 100 mAdc)
V(BR)
250
−
Vdc
Forward Voltage
(IF = 100 mAdc)
(IF = 200 mAdc)
VF
−
−
1000
1250
mV
Diode Capacitance
(VR = 0, f = 1.0 MHz)
CT
−
5.0
pF
Reverse Recovery Time
(IF = IR = 30 mAdc, RL = 100 W)
trr
−
150
ns



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com