Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS299 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CS299
Description  Darlington Lamp Drive
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS299 Datasheet(HTML) 2 Page - ON Semiconductor

  CS299 Datasheet HTML 1Page - ON Semiconductor CS299 Datasheet HTML 2Page - ON Semiconductor CS299 Datasheet HTML 3Page - ON Semiconductor CS299 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CS299
http://onsemi.com
2
MAXIMUM RATINGS*
Rating
Value
Unit
Storage Temperature Range, TS
–65 to +150
°C
Ambient Operating Temperature
–40 to 140
°C
Collector Breakdown Voltage
80
V
*The maximum package power dissipation must be observed.
ELECTRICAL CHARACTERISTICS (TA = 25°C, unless otherwise specified.)
Characteristic
Test Conditions
Min
Typ
Max
Unit
Supply Requirements
Saturation Voltage
IB1 = 0.6 mA, IC2 = 350 mA
TJ = –30°C
TJ = 150°C
0.60
0.55
0.65
V
V
V
Collector Breakdown Voltage
IC1 = IC2 = 1.0 mA, RBE = 200, VC1 = VC2
80
V
Collector Cut Off Current (ICEO)
VCE1 = VCE2 = 60 V, RBE = 200
10
µA
DC Current Gain (HFE)
VC1 =VC2 = 1.0 V, IB1 = 100 µA
1000
(IC1 + IC2)/IB1
NPN
β (Q1)
IB1 = 1.0 µA, VCE2 = 0 V, VCE1 = 1.5 V
50
IC1/IB1
VBE (in saturation)
IB1 = 0.6 mA, IC1 = 50 mA, IC2 = 350 mA
2.0
V
Diode Forward Voltage (D1)
ID1 = 25 mA
0.5
1.5
V
PACKAGE PIN DESCRIPTION
PIN SYMBOL
FUNCTION
PIN SYMBOL
FUNCTION
B
Base of input darlington.
C1
Collector of darlington input device.
C2
Collector of darlington output driver.
GND
Ground. Emitter of dartlington driver. Base/Emitter resistor and substrate are also connected here.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com