Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS52845 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CS52845
Description  Current Mode PWM Control
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS52845 Datasheet(HTML) 1 Page - ON Semiconductor

  CS52845 Datasheet HTML 1Page - ON Semiconductor CS52845 Datasheet HTML 2Page - ON Semiconductor CS52845 Datasheet HTML 3Page - ON Semiconductor CS52845 Datasheet HTML 4Page - ON Semiconductor CS52845 Datasheet HTML 5Page - ON Semiconductor CS52845 Datasheet HTML 6Page - ON Semiconductor CS52845 Datasheet HTML 7Page - ON Semiconductor CS52845 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Features
s
Optimized for Off-line
Control
s
Temperature
Compensated Oscillator
s
50% Maximum Duty-cycle
Clamp
s
VREF Stabilized before
Output Stage is Enabled
s
Low Start-up Current
s
Pulse-by-pulse Current
Limiting
s
Improved Undervoltage
Lockout
s
Double Pulse Suppression
s
1% Trimmed Bandgap
Reference
s
High Current Totem Pole
Output
Package Options
Current Mode PWM Control Circuit
with 50% Max Duty Cycle
CS52845
Description
Block Diagram
Absolute Maximum Ratings
10
7
14
13
12
8
1
2
3
4
5
6
11
9
COMP
NC
VFB
NC
Sense
NC
OSC
VREF
NC
VCC
VCC Pwr
VOUT
Pwr Gnd
Gnd
14L SO Narrow
1
7
8
2
3
4
5
6
COMP
VFB
Sense
OSC
VREF
VCC
VOUT
Gnd
8L SO Narrow
December, 2001 - Rev. 3
ON Semiconductor
2000 South County Trail, East Greenwich, RI 02818
Tel: (401)885–3600 Fax: (401)885–5786
N. American Technical Support: 800-282-9855
Web Site: www.cherry–semi.com
The CS52845 provides all the nec-
essary features to implement off-
line fixed frequency current-mode
control with a minimum number
of external components.
The CS52845 incorporates a new
precision temperature-controlled
oscillator to minimize variations in
frequency. An internal toggle flip-
flop, which blanks the output
every other clock cycle, limits the
duty-cycle range to less than 50%.
An undervoltage lockout ensures
that VREF is stabilized before the
output stage is enabled. In the
CS52845 turn on is at 8.4V and
turn off at 7.6V.
Other features include low start-up
current, pulse-by-pulse current lim-
iting, and a high-current totem pole
output for driving capacitive loads,
such as gate of a power MOSFET.
The output is low in the off state,
consistent with N-channel devices.
Supply Voltage (ICC<30mA) ..........................................................Self Limiting
Supply Voltage (Low Impedance Source)...................................................30V
Output Current ...............................................................................................±1A
Output Energy (Capacitive Load) .................................................................5µJ
Analog Inputs (VFB, VSENSE)...........................................................-0.3V to 5.5V
Error Amp Output Sink Current...............................................................10mA
Lead Temperature Soldering
Reflow (SMD styles only) ...........60 sec. max above 183°C, 230°C peak
VCC
Gnd
COMP
OSC
Sense
VREF
VREF
Undervoltage
Lockout
Internal
Bias
NOR
S
R
PWM
Latch
Current
Sensing
Comparator
R
2 R
1V
Error
Amplifier
-
+
2.50V
Set/
Reset
VCC Undervoltage Lock-out
34V
8.4V/7.6V
R
R
VFB
VCC Pwr
VOUT
Pwr Gnd
Oscillator
Toggle
Flip-Flop
5.0 Volt
Reference


Similar Part No. - CS52845

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS52845 CHERRY-CS52845 Datasheet
142Kb / 6P
Current Mode PWM Control Circuit with 50% Max Duty Cycle
Rev. 3/4/99
CS52845ED14 CHERRY-CS52845ED14 Datasheet
142Kb / 6P
Current Mode PWM Control Circuit with 50% Max Duty Cycle
Rev. 3/4/99
CS52845ED8 CHERRY-CS52845ED8 Datasheet
142Kb / 6P
Current Mode PWM Control Circuit with 50% Max Duty Cycle
Rev. 3/4/99
CS52845EDR14 CHERRY-CS52845EDR14 Datasheet
142Kb / 6P
Current Mode PWM Control Circuit with 50% Max Duty Cycle
Rev. 3/4/99
CS52845EDR8 CHERRY-CS52845EDR8 Datasheet
142Kb / 6P
Current Mode PWM Control Circuit with 50% Max Duty Cycle
Rev. 3/4/99
More results

Similar Description - CS52845

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS52843 CHERRY-CS52843 Datasheet
147Kb / 6P
Current Mode PWM Control Circuit
Rev. 12/23/97
logo
Wuxi Youda electronics ...
YD3842 YOUDA-YD3842 Datasheet
84Kb / 4P
CURRENT MODE PWM CONTROL CIRCUITS
YD3843 YOUDA-YD3843 Datasheet
85Kb / 4P
CURRENT MODE PWM CONTROL CIRCUITS
logo
Unisonic Technologies
UC3842A UTC-UC3842A_05 Datasheet
96Kb / 9P
CURRENT MODE PWM CONTROL CIRCUITS
logo
ON Semiconductor
CS52843 ONSEMI-CS52843 Datasheet
240Kb / 9P
Current Mode PWM Control Circuit
July, 2006 ??Rev. 4
logo
Unisonic Technologies
UC3842A UTC-UC3842A_11 Datasheet
270Kb / 9P
CURRENT MODE PWM CONTROL CIRCUITS
logo
E-Tech Electronics LTD
UC3842A-3843A ETL-UC3842A-3843A Datasheet
308Kb / 9P
CURRENT MODE PWM CONTROL CIRCUITS
logo
ON Semiconductor
CS2844 ONSEMI-CS2844 Datasheet
162Kb / 12P
Current Mode PWM Control Circuit
June, 2001 ??Rev. 3
logo
Unisonic Technologies
UC3842A UTC-UC3842A_17 Datasheet
286Kb / 9P
CURRENT MODE PWM CONTROL CIRCUITS
logo
List of Unclassifed Man...
UTC3843D ETC-UTC3843D Datasheet
80Kb / 9P
CURRENT MODE PWM CONTROL CIRCUITS
2006.07.11
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com