Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM1834ASF Datasheet(PDF) 5 Page - ON Semiconductor

Part # ASM1834ASF
Description  Power Supply Supervisor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASM1834ASF Datasheet(HTML) 5 Page - ON Semiconductor

  ASM1834ASF Datasheet HTML 1Page - ON Semiconductor ASM1834ASF Datasheet HTML 2Page - ON Semiconductor ASM1834ASF Datasheet HTML 3Page - ON Semiconductor ASM1834ASF Datasheet HTML 4Page - ON Semiconductor ASM1834ASF Datasheet HTML 5Page - ON Semiconductor ASM1834ASF Datasheet HTML 6Page - ON Semiconductor ASM1834ASF Datasheet HTML 7Page - ON Semiconductor ASM1834ASF Datasheet HTML 8Page - ON Semiconductor ASM1834ASF Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
ASM1834, ASM1834A, ASM1834D
http://onsemi.com
5
Detailed Description
Operation Power Monitor
The ASM1834 supervisors simultaneously detect
out−of−tolerance power supply conditions on both 3.3 V
and 5 V power supplies. If the voltages at 5VIN or 3.3VIN are
outside the tolerance band, the reset for the falling supply
voltage becomes active. When the monitored supply returns
to an intolerance state, the reset remains active for
approximately 350 ms before returning to the inactive state.
On power−up, the reset signals are kept active for
approximately 350 ms after the power supply voltages have
reached the selected tolerance. This allows the power supply
and microprocessor to stabilize before the reset is removed.
All supply current for the ASM1834 devices is drawn
from the input (5VIN or 3.3VIN) with the highest voltage
level. The outputs draw current from their input supplies
5VIN and 3.3VIN.
Figure 3. Timing Diagram: Power Up
(ASM1834D Only)
Figure 4. Timing Diagram: Power Down
(ASM1834D Only)
Reset Signal Polarity and Output Stage Structure
The ASM1834 and the ASM1834A supervisors have
active LOW reset signals. The ASM1834D reset outputs are
active HIGH.
The ASM1834 and the ASM1834D have CMOS
push−pull output stages. The ASM1834A has open drain
reset outputs.
Table 5.
Part #
RESET Polarity
Output Stage Configuration
ASM1834
LOW
Push−Pull
ASM1834U
LOW
Push−Pull
ASM1834S
LOW
Push−Pull
ASM1834A
LOW
Open Drain
ASM1834AU
LOW
Open Drain
ASM1834AS
LOW
Open Drain
ASM1834D
HIGH
Push−Pull
ASM1834DU
HIGH
Push−Pull
ASM1834DS
HIGH
Push−Pull
Manual Reset Operation
Push−button switch input, PBRST, allows the user to
override the internal trip point detection circuits and issue
reset signals. The pushbutton input is debounced and is
pulled HIGH through an internal 40 k
W resistor.
When at least one of the reset outputs is not asserted, a
push button initiated reset signal can be issued by holding
PBRST LOW for at least 2 ms. When PBRST is held LOW,
both resets become active and remain active for
approximately 350 ms after PBRST returns HIGH. (See
Figures 5 and 6.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com