Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS52845EDR14 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CS52845EDR14
Description  Current Mode PWM Control
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS52845EDR14 Datasheet(HTML) 2 Page - ON Semiconductor

  CS52845EDR14 Datasheet HTML 1Page - ON Semiconductor CS52845EDR14 Datasheet HTML 2Page - ON Semiconductor CS52845EDR14 Datasheet HTML 3Page - ON Semiconductor CS52845EDR14 Datasheet HTML 4Page - ON Semiconductor CS52845EDR14 Datasheet HTML 5Page - ON Semiconductor CS52845EDR14 Datasheet HTML 6Page - ON Semiconductor CS52845EDR14 Datasheet HTML 7Page - ON Semiconductor CS52845EDR14 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Electrical Characteristics: -40
≤ T
A ≤ 85°C; VCC = 15V (Note 1); RT = 10kΩ; CT = 3.3nF for sawtooth mode.unless otherwise stated.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
s Reference Section
Output Voltage
TJ=25°C, IREF=1mA
4.95
5.00
5.05
V
Line Regulation
12
≤V
CC≤25V
6
20
mV
Load Regulation
1
≤I
REF≤20mA
6
25
mV
Temperature Stability
(Note 2)
0.2
0.4
mV/°C
Total Output Variation
Line, Load, Temp. (Note 2)
4.90
5.10
V
Output Noise Voltage
10Hz
≤f≤10kHz, T
J=25°C (Note 2)
50
µV
Long Term Stability
TA=125°C, 1000 Hrs. (Note 2)
5
25
mV
Output Short Circuit
TA=25°C
-30
-100
-180
mA
s Oscillator Section
Initial Accuracy
Sawtooth Mode, TJ=25°C
47
52
57
kHz
Voltage Stability
12
≤V
CC≤25V
0.2
1.0
%
Temperature Stability
Sawtooth Mode TMIN≤TA≤TMAX
(Note 2)
5
%
Amplitude
VOSC (peak to peak)
1.7
V
s Error Amp Section
Input Voltage
VCOMP=2.5V
2.45
2.50
2.55
V
Input Bias Current
VFB=0V
-0.3
-1.0
µA
AVOL
2
≤V
OUT≤4V
65
90
dB
Unity Gain Bandwidth
(Note 2)
0.7
1.0
MHz
PSRR
12
≤V
CC≤25V
60
70
dB
Output Sink Current
VFB=2.7V, VCOMP=1.1V
2
6
mA
Output Source Current
VFB=2.3V, VCOMP=5V
-0.5
-0.8
mA
VOUT HIGH
VFB=2.3V, RL=15kΩ to Gnd
5
6
V
VOUT LOW
VFB=2.7V, RL=15kΩ to VREF
0.7
1.1
V
s Current Sense Section
Gain
(Notes 3 & 4)
2.85
3.00
3.15
V/V
Maximum Input Signal
VCOMP=5V (Note 3)
0.9
1.0
1.1
V
PSRR
12
≤V
CC≤25V (Note 3)
70
dB
Input Bias Current
VSense=0V
-2
-10
µA
Delay to Output
TJ=25°C (Note 2)
150
300
ns
s Output Section
Output Low Level
ISINK=20mA
0.1
0.4
V
ISINK=200mA
1.5
2.2
V
Output High Level
ISOURCE=20mA
13.0
13.5
V
ISOURCE=200mA
12.0
13.5
V
Rise Time
TJ=25°C, CL=1nF (Note 2)
50
150
ns
Fall Time
TJ=25°C, CL=1nF (Note 2)
50
150
ns



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com