Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SG237 Datasheet(PDF) 6 Page - Microsemi Corporation

Part # SG237
Description  1.5 AMP NEGATIVE ADJUSTABLE REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SG237 Datasheet(HTML) 6 Page - Microsemi Corporation

  SG237 Datasheet HTML 1Page - Microsemi Corporation SG237 Datasheet HTML 2Page - Microsemi Corporation SG237 Datasheet HTML 3Page - Microsemi Corporation SG237 Datasheet HTML 4Page - Microsemi Corporation SG237 Datasheet HTML 5Page - Microsemi Corporation SG237 Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
SG137A/SG137 SERIES
2/92 Rev 1.1 2/94
LINFINITY Microelectronics Inc.
Copyright
© 1994
11861 Western Avenue
∞
∞
∞
∞
∞ Garden Grove, CA 92841
6
(714) 898-8121
∞
∞
∞
∞
∞ FAX: (714) 893-2570
CONNECTION DIAGRAMS & ORDERING INFORMATION (See Notes Below)
Ambient
Temperature Range
Part No.
Package
Connection Diagram
3-TERMINAL TO-3
METAL CAN
K-PACKAGE
SG137AK/883B
-55°C to 125°C
SG137AK/DESC
-55°C to 125°C
SG137AK
-55°C to 125°C
SG237AK
-25°C to 85°C
SG337AK
0°C to 70C
SG137K/883B
-55°C to 125°C
JAN137K
-55°C to 125°C
SG137K/DESC
-55°C to 125°C
SG137K
-55°C to 125°C
SG237K
-25°C to 85°C
SG337K
0°C to 70°C
2
1
ADJUSTMENT
CASE IS V
IN
V
OUT
3-TERMINAL TO-66
METAL CAN
R-PACKAGE
SG137AR/883B
-55°C to 125°C
SG137AR/DESC
-55°C to 125°C
SG137AR
-55°C to 125°C
SG237AR
-25°C to 85°C
SG337AR
0°C to 70°C
SG137R/883B
-55°C to 125°C
SG137R/DESC
-55°C to 125°C
SG137R
-55°C to 125°C
SG237R
-25°C to 85°C
SG337R
0°C to 70°C
1
2
ADJUSTMENT
V
OUT
CASE IS V
IN
3-PIN TO-39 METAL CAN
T-PACKAGE
SG137AT/883B
-55°C to 125°C
SG137AT/DESC
-55°C to 125°C
SG137AT
-55°C to 125°C
SG237AT
-25°C to 85°C
SG337AT
0°C to 70°C
SG137T/883B
-55°C to 125°C
SG137T/DESC
-55°C to 125°C
SG137T
-55°C to 125°C
SG237T
-25°C to 85°C
SG337T
0°C to 70°C
3
2
V
IN
V
OUT
ADJUSTMENT
1
3-PIN HERMETIC TO-257
IG-PACKAGE (Isolated)
SG137AIG/883B
-55°C to 125°C
SG137AIG/DESC
-55°C to 125°C
SG137AIG
-55°C to 125°C
SG137IG/883B
-55°C to 125°C
SG137IGDESC
-55°C to 125°C
SG137IG
-55°C to 125°C
20-PIN CERAMIC (LCC)
LEADLESS CHIP CARRIER
L- PACKAGE
SG137AL/883B
-55
°C to 125°C
SG137AL/DESC
-55
°C to 125°C
SG137AL
-55
°C to 125°C
SG137L/883B
-55
°C to 125°C
SG137L/DESC
-55
°C to 125°C
SG137L
-55
°C to 125°C
4
5
6
7
8
32
1
911 12 13
10
14
15
16
17
18
20 19
11. V
IN
12. N.C.
13. N.C.
14. N.C.
15. N.C.
16. ADJUST
17. N.C.
18. N.C.
19. N.C.
20. N.C.
1. V
OUT
2. V
OUT
3. N.C.
4. N.C.
5. N.C.
6. N.C.
7. N.C.
8. N.C.
9. N.C.
10. N.C.
(Note 4)
ADJUST
V
OUT
V
IN
Note 1. Contact factory for JAN and DESC product availability.
2. All parts are viewed from the top.
3. Product is also available in flatpack. Consult factory for price and delivery.
4. Both outputs must be externally connected together at the device terminals.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com