Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS2P3L Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SS2P3L
Description  Low VF High Current Density Surface Mount Schottky Barrier Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SS2P3L Datasheet(HTML) 2 Page - Vishay Siliconix

  SS2P3L Datasheet HTML 1Page - Vishay Siliconix SS2P3L Datasheet HTML 2Page - Vishay Siliconix SS2P3L Datasheet HTML 3Page - Vishay Siliconix SS2P3L Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SS2P2L, SS2P3L
www.vishay.com
Vishay General Semiconductor
Revision: 13-Apr-15
2
Document Number: 88916
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
(2) Pulse test: Pulse width
 40 ms
Note
(1) Thermal resistance from junction to ambient and junction to lead mounted on PCB with 5.0 mm x 5.0 mm copper pad areas. RJL is measured
at the terminal of cathode band. RJC is measured at the top center of the body
Note
(1) Automotive grade
RATINGS AND CHARACTERISTICS CURVES (TA = 25 C unless otherwise noted)
Fig. 1 - Forward Current Derating Curve
Fig. 2 - Maximum Non-Repetitive Peak Forward Surge Current
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
TYP.
MAX.
UNIT
Maximum instantaneous forward voltage
IF = 2 A
TJ = 25 °C
VF (1)
0.45
0.50
V
IF = 2 A
TJ = 125 °C
0.38
0.45
Maximum reverse current at rated VR
TJ = 25 °C
IR (2)
-
200
μA
TJ = 125 °C
9.0
20
mA
Typical junction capacitance
4.0 V, 1 MHz
CJ
130
pF
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
SS2P2L
SS2P3L
UNIT
Typical thermal resistance
RJA (1)
115
°C/W
RJL (1)
15
RJC (1)
20
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
SS2P3L-M3/84A
0.024
84A
3000
7" diameter plastic tape and reel
SS2P3L-M3/85A
0.024
85A
10 000
13" diameter plastic tape and reel
SS2P3LHM3/84A (1)
0.024
84A
3000
7" diameter plastic tape and reel
SS2P3LHM3/85A (1)
0.024
85A
10 000
13" diameter plastic tape and reel
0
2.4
80
90
100
110
120
130
140
150
1.6
2.0
0.4
0.8
1.2
T
L Measured
at the Cathode Band Terminal
Lead Temperature (°C)
Number of Cycles at 50 Hz
1
10
100
10
20
30
0
40
50



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com