Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N-73A Datasheet(PDF) 1 Page - TRIAD MAGNETICS

Part # N-73A
Description  CHASSIS MOUNT : Isolation
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIAD [TRIAD MAGNETICS]
Direct Link  http://www.triadmagnetics.com
Logo TRIAD - TRIAD MAGNETICS

N-73A Datasheet(HTML) 1 Page - TRIAD MAGNETICS

  N-73A Datasheet HTML 1Page - TRIAD MAGNETICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
P O W E R T R A N S F O R M E R
CHASSIS MOUNT : Isolation
Web: www.TriadMagnetics.com
Phone 951-277-0757
Fax 951-277-2757
460 Harley Knox Blvd.
Perris, California
92571
Publish Date: December 4, 2013
BLK/RED
BLK/YEL
BLK/GRN
BLK/WHT
BLK
BLK
115 V
50/60 HZ
115V
0.65 A
WHT
115V
0.65 A
C
E
D
A
B
N-73A
Electrical Specifications (@25°C)
1. Maximum Power:
150 VA
2. Input Voltage:
115V@50/60Hz
3. Output Voltage:
Series: 230V
Parallel: 115V
4. Full Secondary Load:
0.65 Amps RMS
5. Voltage Regulation:
5 % TYP @ full load to no load
Description:
The N-73A is power transformer for isolating equipment from direct connection to the
power line. It is constructed with nonconcentrically wound coils. The primary and
secondary are wound on separate arbors, then assembled on a laminate core
side-by-side separated by insulation. This prevents electrical connection under
normal or overload conditions between the primary and secondary windings.
Safety:
These units are designed with 1500V isolation between winding to winding and
between winding and core. Materials and construction are rated for Class B
insulation system.
Dimensions:
Unit: In inches
Weight: 7.0 Lbs.
Mounting Holes: .375 x .187”
Connections: 10.0±1” leads, 0.250±0.062” Skin & Tin
Schematic:
INPUT – Between BLK and BLK
OUTPUT: Series: JUMPER BLK/YEL to BLK/GRN. Output between BLK/RED and BLK/WHT,
Parallel: JUMPER BLK/RED to BLK/GRN and BLK/YEL to BLK/WHT. Output between
BLK/RED and BLK/YEL or BLK/GRN and BLK/WHT.
SHIELD:
WHT
RoHS Compliance: As of manufacturing date February 2005, all standard products meet the
requirements of 2011/65/EU, known as the RoHS initiative.
* Upon printing, this document is considered “uncontrolled”. Please contact Triad Magnetics’ website for
the most current version.
A
B
C
D
E
3.875
3.281
3.625
2.50
2.750


Similar Part No. - N-73A

ManufacturerPart #DatasheetDescription
logo
Richco, Inc.
N-7 RICHCO-N-7 Datasheet
141Kb / 1P
CABLE CLAMP, N SERIES
N-7-19 RICHCO-N-7-19 Datasheet
141Kb / 1P
CABLE CLAMP, N SERIES
N-7-19-BK RICHCO-N-7-19-BK Datasheet
141Kb / 1P
CABLE CLAMP, N SERIES
N-7-BK RICHCO-N-7-BK Datasheet
141Kb / 1P
CABLE CLAMP, N SERIES
N-7-UVB RICHCO-N-7-UVB Datasheet
141Kb / 1P
CABLE CLAMP, N SERIES
More results

Similar Description - N-73A

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
N-48X TRIAD-N-48X Datasheet
41Kb / 1P
CHASSIS MOUNT : Isolation
N-51X TRIAD-N-51X Datasheet
105Kb / 1P
CHASSIS MOUNT : Isolation
N-53MG TRIAD-N-53MG Datasheet
42Kb / 1P
CHASSIS MOUNT : Isolation
N-54MG TRIAD-N-54MG Datasheet
42Kb / 1P
CHASSIS MOUNT : Isolation
N-55M TRIAD-N-55M Datasheet
42Kb / 1P
CHASSIS MOUNT : Isolation
N-55MG TRIAD-N-55MG Datasheet
42Kb / 1P
CHASSIS MOUNT : Isolation
N-59M TRIAD-N-59M Datasheet
42Kb / 1P
CHASSIS MOUNT : Isolation
N-67A TRIAD-N-67A Datasheet
86Kb / 1P
CHASSIS MOUNT : Isolation
N-76U TRIAD-N-76U Datasheet
116Kb / 1P
CHASSIS MOUNT : Isolation
N-257MG TRIAD-N-257MG Datasheet
41Kb / 1P
CHASSIS MOUNT : Isolation
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com