Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUT11AF Datasheet(PDF) 3 Page - ON Semiconductor

Part # BUT11AF
Description  High Voltage NPN Power Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BUT11AF Datasheet(HTML) 3 Page - ON Semiconductor

  BUT11AF Datasheet HTML 1Page - ON Semiconductor BUT11AF Datasheet HTML 2Page - ON Semiconductor BUT11AF Datasheet HTML 3Page - ON Semiconductor BUT11AF Datasheet HTML 4Page - ON Semiconductor BUT11AF Datasheet HTML 5Page - ON Semiconductor BUT11AF Datasheet HTML 6Page - ON Semiconductor BUT11AF Datasheet HTML 7Page - ON Semiconductor BUT11AF Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
BUT11AF
http://onsemi.com
3
VIN
0
tp
T
RB
RL
T.U.T.
VCC
Figure 3. Test Circuit Resistive Load
VCC
VIN
tp
tp
T
= 250 V
= -6 to +8 V
= 20 µs
= 0.01
90%
10%
90%
10%
IB
IC
IB on
IB off
IC on
tr
t
td
ton
toff
ts
tf
t
Figure 4. Switching Times Waveforms with
Resistive Load
Figure 5. Test Circuit Inductive Load
+IB1
-VBE
LB
VCC
LC
VCL
T.U.T.
7Z89211.2
VCL
VCC
VEB
LB
VCL
= 300 V
= 30 V
= 5 V
= 1 µH
= 200 µH
Figure 6. Switching Times Waveforms
with Inductive Load
90%
10%
90%
10%
IB
IC
IB1
IB2
IC on
tr
tf
ts
toff
t



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com